Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP103CYFFT Datasheet(PDF) 15 Page - Texas Instruments

Part # TMP103CYFFT
Description  TMP103 Low-Power, Digital Temperature Sensor With Two-Wire Interface in WCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP103CYFFT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP103CYFFT Datasheet HTML 11Page - Texas Instruments TMP103CYFFT Datasheet HTML 12Page - Texas Instruments TMP103CYFFT Datasheet HTML 13Page - Texas Instruments TMP103CYFFT Datasheet HTML 14Page - Texas Instruments TMP103CYFFT Datasheet HTML 15Page - Texas Instruments TMP103CYFFT Datasheet HTML 16Page - Texas Instruments TMP103CYFFT Datasheet HTML 17Page - Texas Instruments TMP103CYFFT Datasheet HTML 18Page - Texas Instruments TMP103CYFFT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15
TMP103
www.ti.com
SBOS545D – FEBRUARY 2011 – REVISED DECEMBER 2018
Product Folder Links: TMP103
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
7.5.10.2 Slave Transmitter Mode
The first byte transmitted by the master is the slave address, with the R/W bit high. The slave acknowledges
reception of a valid slave address. The next byte is transmitted by the slave of the register indicated by the
Pointer Register. The master acknowledges reception of the data byte. The master can terminate data transfer
by generating a Not-Acknowledge on reception of the data byte, or generating a START or STOP condition.
7.5.11 General Call
The TMP103 responds to a two-wire General Call address (0000000) if the eighth bit is 0. The device
acknowledges the General Call address and responds to commands in the second byte. If the second byte is
00000110, the TMP103 internal registers are reset to power-up values. The TMP103 does not support the
General Address acquire command.
7.5.12 High-Speed (Hs) Mode
For the two-wire bus to operate at frequencies greater than 400 kHz, the master device must issue an Hs-mode
master code (00001xxx) as the first byte after a START condition to switch the bus to high-speed operation. The
TMP103 does not acknowledge this byte, but switches its input filters on SDA and SCL and its output filters on
SDA to operate in Hs-mode, allowing transfers at up to 3.4 MHz. After the Hs-mode master code has been
issued, the master transmits a START condition followed by a two-wire slave address to initiate a data transfer
operation. The bus continues to operate in Hs-mode until a STOP condition occurs on the bus. Upon receiving
the STOP condition, the TMP103 switches the input and output filters back to the default fast-mode operation.
7.5.13 Timeout Function
The TMP103 resets the serial interface if SCL is held low for 30 ms (typical). The TMP103 releases the bus if it is
pulled low and waits for a START condition. To avoid activating the timeout function, it is necessary to maintain a
communication speed of at least 1 kHz for SCL operating frequency.
7.5.14 Multiple Device Access
The TMP103 supports Multiple Device Access (MDA), which allows the master to communicate with multiple
TMP103 devices on the same bus interface with one interface transaction. MDA commands consist of an MDA
read address (00000001) and an MDA write address (00000000). The device acknowledges the MDA address
and responds to the command accordingly. For the MDA to function correctly, different product versions of the
TMP103 must be used in the system; see Table 2.
7.5.14.1 Multiple Device Access Write
The master transmits an MDA write address followed by the pointer address of the register to be accessed; see
Table 4. Following the pointer, all of the TMP103 devices on the bus acknowledge and wait for the next byte of
data to be written to the addressed registers. When the data byte is received by the TMP103 devices, they store
and acknowledge the transmitted byte. The TMP103 devices store the same data on all devices on the bus in
one transaction; see Figure 4.
7.5.14.2 Multiple Device Access Read
Before an MDA read transaction can begin, the master must first send an MDA write transaction to set the
appropriate pointer address of the register to be accessed, as stated in the previous section. The master can
then transmit an MDA read address followed by a read byte for each TMP103 used on the bus. For example, if a
TMP103A and TMP103B are used on the same bus and an MDA read address is sent, the address must be
followed by two bytes of data and two master acknowledges. The TMP103A sends data on the first byte and the
TMP103B sends data on the second byte. The master must issue an acknowledge for each byte read to read all
of the TMP103 devices on the bus; see Figure 5. If the master does not acknowledge each byte of data, the
TMP103s stop sending subsequent data for any remaining devices.
Up to eight TMP103 devices can be on the same bus and respond to MDA commands; see Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com