Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R01 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R01
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R01 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R01 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
23/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
Register
Address
Register Description
Attribute
Default
value
34H
VLAN group setting for port 1 (p16~p01)
The bit 15 corresponds to port 16 and the LSB corresponds to port 1.
0: The data incoming from port 1 is NOT allowed to be forwarded to
the corresponding port.
1: The data incoming from port 1 is allowed to be forwarded to the
corresponding port.
R/W
16'hffff
35H
VLAN group setting for port 1 (p18~p17)
The bit 9 corresponds to port 18 and bit 8 corresponds to port 17.
Other bits are reserved.
0: The data incoming from port 1 is NOT allowed to be forwarded to
the corresponding port.
1: The data incoming from port 1 is allowed to be forwarded to the
corresponding port.
R/W
10’h3ff
36H~
53H
The registers within this range are used to define the VLAN group
setting for port 2 to port 16. Like the statement of registers 34H and
35H, two registers comprise the definition of the forwarding rule for a
port.
R/W
16’hffff
&10’h3ff
54H~63H
Reserved
64H~67H
The registers within this range are used to define the VLAN group
setting for port 17 and port 18.
R/W
16’hffff
&10’h3ff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com