Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R01 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R01
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R01 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R01 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP1718LF-DS-R01 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
27/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
Register
Address
Register Description
Attribute
Default
value
80H
CPU read/write PHY register command
bit[4:0] : the PHY address
bit[9:5] : the MII register address
bit[12:10] : (Reserved)
bit[13] : 1: the read/write command has been completed
0: not yet
bit[14] : 0: read operation,
1: write operation
bit[15] : the read/write command trigger
0: IDLE or command complete
1: Start command
R/W
16’d0
81H
CPU read/ write PHY register data
bit[15:0] : the data to be written into PHY register for write command.
The last data read from PHY register read command.
R/W
16’d0
82H
Port status of port4~pot1, 4 bit per port
bit[3:0] : {flow_ctrl, duplex, speed, link}. Bit[15:4] indicates the
operating mode for port4 to port2.
R
16’d0
83H~85H
Port status for port5 to port16.
R
16’d0
88H
Link status port18~pot17, 4 bit per port
bit[7:0] : {flow_ctrl, duplex, speed, link}
Bit0~bit4 stands fot the operating mode for port 17.
R
16’d0
90H
bit[15] : share memory over-flow indication
bit[14] : share memory under-flow indiaction
bit[10:0] : share memory current page count
R
16’hxx
91H
Reserved for test
Reserved 16’hxx
92H
Reserved for test
Reserved 16’hxx
A0H
bit[0] : Interrupt enable for completing CPU r/w SMI command
1: Enable interrupt indication;
0: No interrupt
bit[4] : Status of the CPU r/w SMI command
1: Command completed;
0: Command processing
R/W
5’h00
A1
Do not access to this register.
Reserved 16’h000f
A2H
bit[0] : Software reset. Writing a “1” to this bit will reset the IP1718
LF. This bit is self-cleared to “0”.
W
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com