Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT139AM Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCT139AM
Description  DUAL 2 TO 4 DECODER/DEMULTIPLEXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT139AM Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCT139AM Datasheet HTML 1Page - STMicroelectronics 74VHCT139AM Datasheet HTML 2Page - STMicroelectronics 74VHCT139AM Datasheet HTML 3Page - STMicroelectronics 74VHCT139AM Datasheet HTML 4Page - STMicroelectronics 74VHCT139AM Datasheet HTML 5Page - STMicroelectronics 74VHCT139AM Datasheet HTML 6Page - STMicroelectronics 74VHCT139AM Datasheet HTML 7Page - STMicroelectronics 74VHCT139AM Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74VHCT139A
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
PRELIMINARY DATA
March 2000
s
HIGH SPEED: tPD = 7.2 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 139
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74VHCT139A is an advanced high-speed
CMOS
DUAL
2
TO
4
LINE
DECODER/
DEMULTIPLEXER fabricated with sub-micron
silicon gate and double-layer metal wiring C
2MOS
technology.
The active low enable input can be used for
gating or as a data input for demultiplexing
applications. While the enable input is held high,
all four outputs are high independently of the
other inputs.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
®
SOP
TSSOP
ORDER CODES
PACKAGE
T UBE
T & R
SOP
74VHCT139AM
74VHCT139AMTR
TSSOP
74VHCT139ATTR
1/8


Similar Part No. - 74VHCT139AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT139AMTR STMICROELECTRONICS-74VHCT139AMTR Datasheet
277Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
16-Dec-2004
More results

Similar Description - 74VHCT139AM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC139 MOTOROLA-MC74VHC139 Datasheet
153Kb / 6P
Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
Jun-1999
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
162Kb / 12P
Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139 ONSEMI-MC74LVX139_05 Datasheet
93Kb / 8P
Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139_04 Datasheet
293Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
12-Nov-2004
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
16-Dec-2004
logo
ON Semiconductor
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com