Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4413 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4413
Description  Adafruit LSM303AGR Accelerometer Magnetometer - STEMMA QT Qwiic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4413 Datasheet(HTML) 2 Page - Adafruit Industries

  4413 Datasheet HTML 1Page - Adafruit Industries 4413 Datasheet HTML 2Page - Adafruit Industries 4413 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
To make life easier so you can focus on your important work, we've taken the
LSM303AGR and put it onto a breakout PCB along with support circuitry to let
you use this little wonder with 3.3V (Feather/Raspberry Pi) or 5V (Arduino/
Metro328) logic levels. Additionally since it speaks I2C you can easily connect it
up with two wires (plus power and ground!). We've even included SparkFun
qwiic compatible STEMMA QT connectors for the I2C bus so you don't even need
to solder! Just wire up to your favorite micro and you can use our
CircuitPython/Python or Arduino drivers to easily interface with the LSM303 and
get compass measurements ASAP.
It's fully assembled and tested. Comes with a bit of 0.1" standard header in
case you want to use it with a breadboard or perfboard. Four 2.5mm (0.1")
mounting holes for easy attachment.
TECHNICAL DETAILS
This board/chip uses I2C 7-bit addresses 0x19 & 0x1E
±50 gauss magnetic dynamic range
1.5 mGauss magnetic sensitivity
Accelerometer ranges: ±2/±4/±8/±16 g
As little as 1mg accelerometer sensitivity
Product Dimensions: 25.4mm x 17.7mm x 4.6mm / 1.0" x 0.7" x 0.2"
Product Weight: 1.7g / 0.1oz
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com