Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4413 Datasheet (PDF) - Adafruit Industries

Part # 4413
Description  Adafruit LSM303AGR Accelerometer Magnetometer - STEMMA QT Qwiic
File Size   2303.6 Kbytes
Html View  1   2   3 
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4413 Datasheet (PDF) - Adafruit Industries



Similar Part No. - 4413

ManufacturerPart #DatasheetDescription
logo
MolexKits
44133-0400 MOLEXKITS-44133-0400 Datasheet
43Kb / 5P
Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
logo
Molex Electronics Ltd.
44133-0400 MOLEX6-44133-0400 Datasheet
182Kb / 2P
3.00mm (.118") Micro-Fit 3.0 BMI Receptacle Housing, Dual Row, Panel Mount, 4 Circuits, PBT Polyester, UL 94V-0
44133-0400 MOLEX11-44133-0400 Datasheet
42Kb / 1P
Micro-Fit 3.0 BMI??Receptacle Housing, Dual Row, Panel Mount, 4 Circuits, PBT
44133-0408 MOLEX6-44133-0408 Datasheet
221Kb / 3P
3.00mm (.118") Micro-Fit 3.0 BMI Receptacle Housing, Dual Row, Panel Mount, 4 Circuits, PBT Polyester
44133-0408 MOLEX11-44133-0408 Datasheet
40Kb / 1P
Micro-Fit 3.0 BMI??Receptacle Housing, Dual Row, Panel Mount, 4 Circuits, PBT
More results


Similar Description - 4413

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
591Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LSM303DLM STMICROELECTRONICS-LSM303DLM Datasheet
512Kb / 38P
Sensor module:3-axis accelerometer and 3-axis magnetometer
11-Apr-2011
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
Sensor module: 3-axis accelerometer and 3-axis magnetometer
18-Dec-2009
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
05-Aug-2013
logo
NXP Semiconductors
FXOS8700CQ NXP-FXOS8700CQ Datasheet
1Mb / 117P
6-axis sensor with integrated linear accelerometer and magnetometer
Rev. 7.0 - 22 March 2016
logo
STMicroelectronics
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
12-Mar-2015
LSM303C STMICROELECTRONICS-LSM303C Datasheet
1Mb / 53P
Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
13-Jun-2014
ISM303DAC STMICROELECTRONICS-ISM303DAC Datasheet
1Mb / 80P
High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
31-Oct-2017
logo
SparkFun Electronics
SEN-14571 SPARKFUN-SEN-14571 Datasheet
181Kb / 2P
SparkFun Triple Axis Magnetometer Breakout - MLX90393 (Qwiic)
5????8
SEN-14587 SPARKFUN-SEN-14587 Datasheet
262Kb / 3P
SparkFun Triple Axis Accelerometer Breakout - MMA8452Q (Qwiic)
4????8
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com