Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0830833 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0830833
Description  WML HF 22(25X25)R CUS - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830833 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0830833 Datasheet HTML 1Page - PHOENIX CONTACT 0830833 Datasheet HTML 2Page - PHOENIX CONTACT 0830833 Datasheet HTML 3Page - PHOENIX CONTACT 0830833 Datasheet HTML 4Page - PHOENIX CONTACT 0830833 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Sodium hydroxide 0.1 mol/l
[CAS No. 1310-73-2]
Test passed
Ethanol (99 %)
[CAS No. 64-17-5]
Test passed
Acetone (99 %)
[CAS No. 67-64-1]
Test passed
Specification
ISO 175:2010 (following)
Test duration
168 h
Sodium hydroxide 0.1 mol/l
[CAS No. 1310-73-2]
Test passed
Ethanol (99 %)
[CAS No. 64-17-5]
Test passed
IRM 901
Test passed
IRM 902
Test passed
Testing in a condensation changing climate in the presence of sulfur dioxide
Specification
DIN 50018:2013-05
Result
Test passed
Climate level
AHT 1.0 S
Cycles
2
Salt spray test
Specification
DIN EN 60068-2-11:2000-02
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
Ambient temperature (assembly)
> 5 °C
Recommended ambient temperature (storage/transport)
21 °C
Recommended humidity (storage/transport)
50 % (Storage in a dry and dark place in the original packaging is
recommended)
Shelf life
2 years
Dimensions
Width
25.4 mm
Length
95.25 mm
External dimensions
Outside diameter
8 mm ... 22 mm
Text field
Text field width
25 mm
Text field height
25 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
WML HF 22(25X25)R CUS - Cable marker
0830833
https://www.phoenixcontact.com/us/products/0830833
Jul 23, 2025, 12:21AM
Page 3 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com