Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0830833 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830833
Description  WML HF 22(25X25)R CUS - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830833 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830833 Datasheet HTML 1Page - PHOENIX CONTACT 0830833 Datasheet HTML 2Page - PHOENIX CONTACT 0830833 Datasheet HTML 3Page - PHOENIX CONTACT 0830833 Datasheet HTML 4Page - PHOENIX CONTACT 0830833 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, can be ordered: by line, white, labeled according to customer specifications, cable
diameter range: 8 ... 21.3 mm, mounting type: adhesive, cable diameter: ≤ 21.3 mm, text field
height: 25 mm, text field width: 25 mm
Your advantages
For indoor applications: high resistance to dirt and abrasion due to the protective laminate
•
Firmly defined positioning of labels thanks to the adhesive system
•
Broad diameter range with many different applications inside and outside the control cabinet
•
The protective foil is wound over the labeling and provides permanent protection against dirt and abrasion
•
The wrap-around labels do not create any additional volume, so the cable can also be pulled through cable ducts, for example
•
For cylindrical objects, single wires, and cables
•
Halogen-free
•
Commercial data
Item number
0830833
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8131
GTIN
4046356800884
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
WML HF 22(25X25)R CUS - Cable marker
0830833
https://www.phoenixcontact.com/us/products/0830833
Jul 23, 2025, 12:21AM
Page 1 (5)


Similar Part No. - 0830833

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830831 PHOENIX-0830831 Datasheet
183Kb / 5P
WML HF 14(25X19)R CUS - Cable marker
0830832 PHOENIX-0830832 Datasheet
184Kb / 5P
WML HF 14(25X19)R YE CUS - Cable marker
0830834 PHOENIX-0830834 Datasheet
183Kb / 5P
WML HF 22(25X25)R YE CUS - Cable marker
0830835 PHOENIX-0830835 Datasheet
182Kb / 5P
WML HF 36(25X38)R CUS - Cable marker
0830836 PHOENIX-0830836 Datasheet
184Kb / 5P
WML HF 36(25X38)R YE CUS - Cable marker
More results

Similar Description - 0830833

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824488 PHOENIX-0824488 Datasheet
58Kb / 4P
Marker for terminal blocks - TMT 6 R CUS
0824949 PHOENIX-0824949 Datasheet
52Kb / 3P
Zack marker strip - ZB 22 CUS
0828488 PHOENIX-0828488 Datasheet
52Kb / 3P
Marker cards - SBS 5 CUS
0828489 PHOENIX-0828489 Datasheet
57Kb / 3P
Marker cards - SBS 6 CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
0830691 PHOENIX-0830691 Datasheet
59Kb / 3P
Cable marker label - WML 7,5 (25X13)A4
01/02/2019
0830713 PHOENIX-0830713 Datasheet
53Kb / 3P
Cable marking flags - WML-FLAGV 6 (20X10)R
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com