Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2623AMM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2623AMM
Description  General Purpose, Gated Oscillator Based, DC/DC Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2623AMM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2623AMM Datasheet HTML 1Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 2Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 3Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 4Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 5Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 6Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 7Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 8Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics (Continued)
Note 8: Junction to ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set forthe in the JEDEC
standard JESD51-17. The test board is a 4 layer FR-4 board measuring 102mm x 76mm x 1.6mm witha3x2 array of thermal vias. The ground plane on the board
is 50mm x 50 mm. Thickness of copper layers are 36mm/18mm/18mm/36mm (1.5oz/10z/1oz/1.5ox). Ambient temperature in simulation is 22˚C, still air. Power
dissipation is 1W. (The DAP is soldered.) Fore more information on LLP thermal topics, as well as LLP mounting and soldering specifications please refer to
Application Note 1187: Leadless Leadframe Package (LLP).
Note 9: Exposed DAP soldered to an exposed 1sq. inch area of 1 oz. copper. Thermal resistance can be decreased by using more copper are to dissipate heat.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com