Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2623AMM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2623AMM
Description  General Purpose, Gated Oscillator Based, DC/DC Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2623AMM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2623AMM Datasheet HTML 3Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 4Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 5Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 6Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 7Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 8Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 9Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 10Page - National Semiconductor (TI) LM2623AMM Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Detailed Description
OPERATING PRINCIPLE
The LM2623 is designed to provide step-up DC-DC voltage
regulation in battery-powered and low-input voltage sys-
tems. It combines a step-up switching regulator, N-channel
power MOSFET, built-in current limit, thermal limit, and volt-
age reference in a single 8-pin MSOP package Figure 1. The
switching DC-DC regulator boosts an input voltage between
.8V and 14V to a regulated output voltage between 1.24V
and 14V. The LM2623 starts from a low 1.1V input and
remains operational down to below .8V.
This device is optimized for use in cellular phones and other
applications requiring a small size, low profile, as well as low
quiescent current for maximum battery life during stand-by
and shutdown. A high-efficiency gated-oscillator topology
offers an output of up to 2A at low output voltages.
Additional features include a built-in peak switch current
limit, and thermal protection circuitry.
GATED OSCILLATOR CONTROL SCHEME
The on/off regulation mode of the LM2623, along with its
ultra-low quiescent current, results in good efficiency over a
very wide load range. The internal oscillator frequency can
be programmed using an external resistor to be constant or
vary with the battery voltage. Adding a capacitor to program
the frequency allows the designer to adjust the duty cycle
and optimize it for the application. Adding a resistor in addi-
tion to the capacitor allows the duty cycle to dynamically
compensate for changes to the input/output voltage ratio.
We call this a Ratio Adaptive Gated Oscillator circuit. See the
Application Notes for sample application circuits. Using the
correct RC components to adjust the oscillator allows the
part to run with low ripple and high efficiency over a wide
range of loads and input/output voltages.
20038814
FIGURE 1. Functional Diagram
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com