Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ6 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32L4R5VGJ6
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ6 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32L4R5VGJ6 Datasheet HTML 44Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 45Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 46Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 47Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 48Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 49Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 50Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 51Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 306 page
background image
Functional overview
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
48/306
DocID030321 Rev 3
3.25
LCD-TFT controller (LTDC)
The LCD-TFT display controller provides a 24-bit parallel digital RGB (red, green, blue) and
delivers all signals to interface directly to a broad range of LCD and TFT panels with the
following features:
•
Two displays layers with dedicated FIFO (64 x 32-bit)
•
Color look-up table (CLUT) up to 256 colors (256 x 24-bit) per layer
•
Up to 8 input color formats selectable per layer
•
Flexible blending between two layers using alpha value (per pixel or constant)
•
Flexible programmable parameters for each layer
•
Color keying (transparency color)
•
Up to four programmable interrupt events
3.26
DSI Host (DSIHOST)
The DSI Host is a dedicated IP that interfaces with the MIPI® DSI compliant displays. It
includes a dedicated video interface internally connected to the LTDC and a generic APB
interface that can be used to transmit information to the display.
The interfaces are as follows:
•
LTDC interface:
–
Used to transmit information in Video Mode, in which the transfers from the host
processor to the peripheral take the form of a real-time pixel stream (DPI)
–
Used to transmit information in full bandwidth in the Adapted Command Mode
(DBI) through a custom mode
•
APB slave interface:
–
Allows the transmission of generic information in Command mode, and follows a
proprietary register interface
–
Can operate concurrently with either LTDC interface in either Video Mode or
Adapted Command Mode
•
Video mode pattern generator:
–
Allows the transmission of horizontal/vertical color bar and D-PHY BER testing
pattern without any kind of stimuli



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com