Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32L4R5VGJ6
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32L4R5VGJ6 Datasheet HTML 12Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 13Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 14Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 15Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 16Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 17Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 18Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 19Page - STMicroelectronics STM32L4R5VGJ6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 306 page
background image
Description
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
16/306
DocID030321 Rev 3
LCD - TFT
No
Yes
No
Yes
No
Yes
MIPI DSI Host(2)
No
Yes
No
Yes
No
Yes
Random number
generator
Yes
GPIOs(3)
Wakeup pins
Nb of I/Os down to
1.08 V
83
5
0
77
4
0
110
5
14
115
5
14
112
5
11
140
5
14
131
4
13
Capacitive sensing
Number of channels
21
18
24
12-bit ADCs
Number of channels
1
16
14
16
14
12-bit DAC
Number of channels
2
2
Internal voltage
reference buffer
Yes
Analog comparator
2
Operational amplifiers
2
Max. CPU frequency
120 MHz
Operating voltage
(VDD)
1.71 to 3.6 V
Operating voltage
(VDD12)
1.05 to 1.32 V
Operating temperature
Ambient operating temperature: -40 to 85 °C / -40 to 105 °C / -40 to 125 °C
Packages
LQFP100
UFBGA132
LQFP144
WLCSP144
LQFP144
LQFP144,
UFBGA144
WLCSP144
UFBGA169
1. For the LQFP100 package, only FMC bank1 is available. Bank1 can only support a multiplexed NOR/PSRAM memory
using the NE1 chip select.
2. The DSI Host interface is only available on the STM32L4R9xx sales types.
3. In the case of an external SMPS package type is used, 2 GPIOs are replaced by VDD12 pins to connect the SMPS power
supplies hence reducing the number of available GPIOs by 2.
Table 2. STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
features and peripheral counts (continued)
Peripheral
R5VI
R5VG
R7VI
R9VI
R9VG
R5QI
R5QG
R5ZI
R5ZG
R7ZI
R9ZI
R9ZG
R5AI
R5AG
R7AI
R9AI
R9AG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com