Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5GD Datasheet(PDF) 2 Page - Bivar, Inc.

Part # 5GD
Description  STD PANEL MOUNT INDICATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

5GD Datasheet(HTML) 2 Page - Bivar, Inc.

  5GD Datasheet HTML 1Page - Bivar, Inc. 5GD Datasheet HTML 2Page - Bivar, Inc. 5GD Datasheet HTML 3Page - Bivar, Inc. 5GD Datasheet HTML 4Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
lf
(mA)
lv
(mcd)
MAX
TYP
MAX
TYP
PM5BWC
GaN/SiC
430
BLUE
WATER CLEAR
25
4
4.5
25
20
5BWC
PM5BWD
GaN/SiC
430
BLUE
DIFFUSED
25
4
4.5
15
45
5BWD
PM5BWT
GaN/SiC
430
BLUE
TINTED 
25
4
4.5
30
20
5BWT
PM5GC
GaP/GaP
568
GREEN
WATER CLEAR
30
2.1
2.8
40
35
5GC
PM5GD
GaP/GaP
568
GREEN
DIFFUSED
30
2.1
2.8
25
45
5GD
PM5GT
GaP/GaP
568
GREEN
TINTED 
30
2.1
2.8
40
35
5GT
PM5PGC
GaP/GaP
555
PURE GREEN
WATER CLEAR
30
2.2
2.8
10
35
5PGC
PM5PGD
GaP/GaP
555
PURE GREEN
DIFFUSED
30
2.2
2.8
10
45
5PGD
PM5PGT
GaP/GaP
555
PURE GREEN
TINTED 
30
2.2
2.8
10
35
5PGT
PM5YC
GaAsp/GaP
590
YELLOW
WATER CLEAR
30
2
2.8
40
35
5YC
PM5YD
GaAsp/GaP
590
YELLOW
DIFFUSED
30
2
2.8
25
45
5YD
PM5YT
GaAsp/GaP
590
YELLOW
TINTED 
30
2
2.8
40
35
5YT
PM5AC
GaAsp/GaP
605
AMBER
WATER CLEAR
302
2.8
40
355AC
PM5AD
GaAsp/GaP
605
AMBER
DIFFUSED
30
2
2.8
25
45
5AD
PM5AT
GaAsp/GaP
605
AMBER
TINTED 
30
2
2.8
40
35
5AT
PM5HC
GaAsp/GaP
625
HE RED
WATER CLEAR
302
2.8
40
355HC
PM5HD
GaAsp/GaP
625
HE RED
DIFFUSED
302
2.8
25
455HD
PM5HT
GaAsp/GaP
625
HE RED
TINTED 
30
2
2.8
40
35
5HT
PM5RC
GaP/GaP
700
RED
WATER CLEAR
20
2.1
2.8
2
35
5RC
PM5RD
GaP/GaP
700
RED
DIFFUSED
20
2.1
2.8
2
45
5RD
PM5RT
GaP/GaP
700
RED
TINTED 
20
2.1
2.8
2355RT
GaAsp/GaP
605
AMBER
30
2
2.8
6
GaP/GaP
568
GREEN
30
2.1
2.8
6
GaAsp/GaP
625
RED
30
2
2.8
6
GaP/GaP
568
GREEN
30
2.1
2.8
8
GaAsp/GaP
625
RED
30
2
2.8
6
GaP/GaP
590
YELLOW
30
2
2.8
5
GaAsp/GaP
590
YELLOW
30
2
2.8
5
GaP/GaP
568
GREEN
30
2.1
2.8
8
45
45
45
5BC‐A/G
5BD
5BC‐R/Y
5BC‐Y/G
PM5BC
PM5BC‐R/Y
PM5BC‐Y/G
WHITE DIFFUSED
WHITE DIFFUSED
WHITE DIFFUSED
WHITE DIFFUSED
Electro‐Optical Data @20mA
Vf
(V)
Viewing
Angle
2 θ 1/2
(Deg)
LED P/N
Lens
Appearance
PM5BC‐A/G
45
LED Assy.No.
Chip
Material
Peak
Wave
Length
Emitted Color



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com