Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5GD Datasheet(PDF) 3 Page - Bivar, Inc.

Part # 5GD
Description  STD PANEL MOUNT INDICATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

5GD Datasheet(HTML) 3 Page - Bivar, Inc.

  5GD Datasheet HTML 1Page - Bivar, Inc. 5GD Datasheet HTML 2Page - Bivar, Inc. 5GD Datasheet HTML 3Page - Bivar, Inc. 5GD Datasheet HTML 4Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
lf
(mA)
lv
(mcd)
MAX
TYP
MAX
TYP
PM5UBWC
lnGaN/SiC
468 BLUE
WATER CLEAR
76
3.7
4.5
2500
15 5BWC2.515
PM5SGC
GaP/GaP
568 GREEN
WATER CLEAR
30
2.1
2.86035 5SGC
PM5SGD
GaP/GaP
568 GREEN
DIFFUSED
30
2.1
2.8
50
40 5SGD
PM5SGT
GaP/GaP
568 GREEN
TINTED
30
2.1
2.8
60
35 5SGT
PM5SYC
GaAsP/GaP
590 YELLOW
WATER CLEAR
30
2
2.8
600
35 5SYC
PM5SYD
GaAsP/GaP
590 YELLOW
DIFFUSED
30
2
2.8
150
40 5SYD
PM5SYT
GaAsP/GaP
590 YELLOW
TINTED
30
2
2.8
600
35 5SYT
PM5SRC
GaAIAs/GaAs
645 SUPER RED
WATER CLEAR
30
1.7
2.46035 5SRC
PM5SRD
GaAIAs/GaAs
645 SUPER RED
DIFFUSED
30
1.7
2.4
40
40 5SRD
PM5SRT
GaAIAs/GaAs
645 SUPER RED
TINTED
30
1.7
2.46035 5SRT
PM5UGC
AlGalnP
570 GREEN
WATER CLEAR
30
2.1
2.4
600
35 5UGC
PMTSUGC
AlGalnP
570 GREEN
WATER CLEAR
30
2.1
2.4
300
35 5SUGC
PM5UYC
AlGalnP
590 YELLOW
WATER CLEAR
30
2
2.4
1000
30 5UYC
PM5SUYC
AlGalnP
590 YELLOW
WATER CLEAR
30
2
2.4
700
35 5SUYC
PM5UOC
AlGalnP
590 YELLOW
WATER CLEAR
30
2
2.4
500
35 5UUYC
PM5UOC
AlGalnP
625 ORANGE
WATER CLEAR
30
1.8
2.4
1400
35 5UOC
PM5SUOC
AlGalnP
625 ORANGE
WATER CLEAR
30
1.8
2.4
1300
35 5SUOC
PM5URC
GaAIAs/GaAs
645 RED
WATER CLEAR
30
1.7
2.4
400
30 5URC
PM5SURC
AlGalnP
640 RED
WATER CLEAR
30
1.8
2.4
500
35 5SURC
PM5UWC
lnGaN/SiC
6500K
WHITE
WATER CLEAR
100
3.5
4.2
2700
30 5WC2.730
LED Assy.No.
Chip
Lens
Appearance
Electro‐Optical Data @20mA
Viewing
Angle
2 θ 1/2
(Deg)
LED P/N
Material
Peak
Wave
Length
Emitted Color
Vf
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com