Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3003D2 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPA3003D2
Description  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3003D2 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA3003D2 Datasheet HTML 14Page - Texas Instruments TPA3003D2 Datasheet HTML 15Page - Texas Instruments TPA3003D2 Datasheet HTML 16Page - Texas Instruments TPA3003D2 Datasheet HTML 17Page - Texas Instruments TPA3003D2 Datasheet HTML 18Page - Texas Instruments TPA3003D2 Datasheet HTML 19Page - Texas Instruments TPA3003D2 Datasheet HTML 20Page - Texas Instruments TPA3003D2 Datasheet HTML 21Page - Texas Instruments TPA3003D2 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
18
www.ti.com
APPLICATION INFORMATION
when to use an output filter (continued)
0.1
µF
0.1
µF
0.47
µF
33
µH
33
µH
OUTP
OUTN
L1
L2
C1
C2
C3
Figure 24. Typical LC Output Filter, Cutoff Frequency of 41 kHz, Speaker Impedance = 8
Ω
1 nF
Ferrite
Chip Bead
OUTP
OUTN
Ferrite
Chip Bead
1 nF
Figure 25. Typical Ferrite Chip Bead Filter (Chip bead example: Fair-Rite 2512067007Y3)
volume control operation
The VOLUME terminal controls the internal amplifier gain. This pin is controlled with a dc voltage, which should
not exceed VREF. Table 1 lists the gain as determined by the voltage on the VOLUME pin in reference to the
voltage on VREF.
If using a resistor divider to fix the gain of the amplifier, the VREF terminal can be directly connected to
AVDDREF and a resistor divider can be connected across VREF and REFGND. (See Figure 21 in the
Application Information Section). For fixed gain, calculate the resistor divider values necessary to center the
voltage between the two percentage points given in the first column of Table 1. For example, if a gain of 10.7
dB is desired, the resistors in the divider network can both be 10 k
Ω. With these resistor values, a voltage of
50%*VREF will be present at the VOLUME pin and result in a class-D gain of 10.7 dB.
If using a DAC to control the class-D gain, VREF and REFGND should be connected to the reference voltage
for the DAC and the GND terminal of the DAC, respectively. For the DAC application, AVDDREF would be left
unconnected. The reference voltage of the DAC provides the reference to the internal gain circuitry through the
VREF input and any fluctuations in the DAC output voltage will not affect the TPA3003D2 gain. The percentages
in the first column of Table 1 should be used for setting the voltages of the DAC when the voltage on the VOLUME
terminal is increased. The percentages in the second column should be used for the DAC voltages when
decreasing the voltage on the VOLUME terminal. Two lookup tables should be used in software to control the
gain based on an increase or decrease in the desired system volume. This is explained further in a section
below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com