Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3003D2 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA3003D2
Description  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3003D2 Datasheet(HTML) 1 Page - Texas Instruments

  TPA3003D2 Datasheet HTML 1Page - Texas Instruments TPA3003D2 Datasheet HTML 2Page - Texas Instruments TPA3003D2 Datasheet HTML 3Page - Texas Instruments TPA3003D2 Datasheet HTML 4Page - Texas Instruments TPA3003D2 Datasheet HTML 5Page - Texas Instruments TPA3003D2 Datasheet HTML 6Page - Texas Instruments TPA3003D2 Datasheet HTML 7Page - Texas Instruments TPA3003D2 Datasheet HTML 8Page - Texas Instruments TPA3003D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
3W STEREO CLASSD AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL
1
www.ti.com
FEATURES
D 3-W/Ch Into an 8-Ω Load From 12-V Supply
D Efficient, Class-D Operation Eliminates
Heatsinks and Reduces Power Supply
Requirements
D 32-Step DC Volume Control From −40 dB
to 36 dB
D Third Generation Modulation Techniques
− Replaces Large LC Filter With Small
Low-Cost Ferrite Bead Filter
D Thermal and Short-Circuit Protection
APPLICATIONS
D LCD Monitors and TVs
D Powered Speakers
DESCRIPTION
The TPA3003D2 is a 3-W (per channel) efficient,
Class-D audio amplifier for driving bridged-tied stereo
speakers. The TPA3003D2 can drive stereo speakers
as low as 8
Ω. The high efficiency of the TPA3003D2
eliminates the need for external heatsinks when playing
music.
Stereo speaker volume is controlled with a dc voltage
applied to the volume control terminal offering a range
of gain from –40 dB to 36 dB.
Cs
Cs
10 nF
Cbs
Cs
Cs
10 nF
Cbs
PVCC
PVCC
Cs
Cs
10 nF
Cbs
Cs
Cs
10 nF
Cbs
PVCC
PVCC
220 pF
Cosc
Rosc
Ccpl
100 nF
Cvdd
Ccpr
Crinp
Crinn
Clinn
Clinp
LINP
LINN
RINN
RINP
SYSTEM CONTROL
VOLUME
TPA3003D2
VCLAMPR
SD
V2P5
RINP
LINN
LINP
AVDDREF
VREF
AGND
AGND
VOLUME
REFGND
MUTE
NC
NC
NC
AVDD
AGND
COSC
ROSC
AVCC
VCLAMPL
RINN
AVDD
AVCC
C2p5
FADE
10
µF
10
µF
0.1
µF
0.1
µF
1
µF
1
µF
1
µF
1
µF
1
µF
0.1
µF
0.1
µF
10
µF
10
µF
1
µF
120 k
Ω
1
µF
Cs
0.1
µF
Cvcc
10
µF
MUTE CONTROL
SYSTEM CONTROL
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TPA3003D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
511Kb / 34P
3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2PFB TI-TPA3003D2PFB Datasheet
489Kb / 33P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2PFB TI-TPA3003D2PFB Datasheet
511Kb / 34P
3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2PFBG4 TI-TPA3003D2PFBG4 Datasheet
511Kb / 34P
3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TPA3003D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2_06 Datasheet
511Kb / 34P
3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA2008 EUTECH-EUA2008 Datasheet
178Kb / 1P
3-W Stereo Class-D Audio Amplifier with 32-Step DC Volume Control
logo
Texas Instruments
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com