Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3003D2PFB Datasheet(PDF) 22 Page - Texas Instruments

Part # TPA3003D2PFB
Description  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3003D2PFB Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPA3003D2PFB Datasheet HTML 18Page - Texas Instruments TPA3003D2PFB Datasheet HTML 19Page - Texas Instruments TPA3003D2PFB Datasheet HTML 20Page - Texas Instruments TPA3003D2PFB Datasheet HTML 21Page - Texas Instruments TPA3003D2PFB Datasheet HTML 22Page - Texas Instruments TPA3003D2PFB Datasheet HTML 23Page - Texas Instruments TPA3003D2PFB Datasheet HTML 24Page - Texas Instruments TPA3003D2PFB Datasheet HTML 25Page - Texas Instruments TPA3003D2PFB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
22
www.ti.com
APPLICATION INFORMATION
internal 2.5-V bias generator capacitor selection
The internal 2.5-V bias generator (V2P5) provides the internal bias for the preamplifier stage. The external input
capacitors and this internal reference allow the inputs to be biased within the optimal common-mode range of
the input preamplifiers.
The selection of the capacitor value on the V2P5 terminal is critical for achieving the best device performance.
During startup or recovery from the shutdown state, the V2P5 capacitor determines the rate at which the
amplifier starts up. When the voltage on the V2P5 capacitor equals 0.75 x V2P5, or 75% of its final value, the
device turns on and the class-D outputs start switching. The startup time is not critical for the best depop
performance since any pop sound that is heard is the result of the class-D outputs switching on and not the
startup time. However, at least a 0.47-
µF capacitor is recommended for the V2P5 capacitor.
A secondary function of the V2P5 capacitor is to filter high frequency noise on the internal 2.5-V bias generator.
input resistance
Each gain setting is achieved by varying the input resistance of the amplifier, which can range from its smallest
value to over six times that value. As a result, if a single capacitor is used in the input high-pass filter, the −3 dB
or cutoff frequency also changes by over six times.
Ci
IN
Zi
Zf
Input
Signal
The −3-dB frequency can be calculated using equation 5.
f*3dB +
1
2
p Z
iCi
input capacitor, Ci
In the typical application an input capacitor (Ci) is required to allow the amplifier to bias the input signal to the
proper dc level (V2P5) for optimum operation. In this case, Ci and the input impedance of the amplifier (Zi) form
a high-pass filter with the corner frequency determined in equation 6.
fc +
1
2
pZ
i
C
i
−3 dB
fc
(6)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com