Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3003D2PFB Datasheet(PDF) 29 Page - Texas Instruments

Part # TPA3003D2PFB
Description  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3003D2PFB Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPA3003D2PFB Datasheet HTML 25Page - Texas Instruments TPA3003D2PFB Datasheet HTML 26Page - Texas Instruments TPA3003D2PFB Datasheet HTML 27Page - Texas Instruments TPA3003D2PFB Datasheet HTML 28Page - Texas Instruments TPA3003D2PFB Datasheet HTML 29Page - Texas Instruments TPA3003D2PFB Datasheet HTML 30Page - Texas Instruments TPA3003D2PFB Datasheet HTML 31Page - Texas Instruments TPA3003D2PFB Datasheet HTML 32Page - Texas Instruments TPA3003D2PFB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
29
www.ti.com
APPLICATION INFORMATION
Table 2. Recommended Minimum Wire Size for Power Cables
POUT
(W)
RL
(
Ω)
AWG SIZE
DC POWER LOSS
(mW)
AC POWER LOSS
(mW)
1
8
22 to 28
2.0
8.0
2.1
8.1
< 0.75
8
22 to 28
1.5
6.1
1.6
6.2
Class-D RC low-pass filter
A RC filter is used to reduce the square-wave output when the analyzer inputs cannot process the pulse-width
modulated class-D output waveform. This filter has little effect on the measurement accuracy because the cutoff
frequency is set above the audio band. The high frequency of the square wave has negligible impact on
measurement accuracy because it is well above the audible frequency range and the speaker cone cannot
respond at such a fast rate. The RC filter is not required when an LC low-pass filter is used, such as with the
class-D APAs that employ the traditional modulation scheme (TPA032D0x, TPA005Dxx).
The component values of the RC filter are selected using the equivalent output circuit as shown in Figure 31.
RL is the load impedance that the APA is driving for the test. The analyzer input impedance specifications should
be available and substituted for RANA and CANA. The filter components, RFILT and CFILT, can then be derived
for the system. The filter should be grounded to the APA near the output ground pins or at the power supply
ground pin to minimize ground loops.
R
FILT
R
L
R
FILT
C
FILT
V
L= VIN
V
OUT
R
ANA
C
ANA
R
ANA
C
ANA
C
FILT
To APA
GND
AP Analyzer Input
RC Low−Pass Filters
Load
Figure 31. Measurement Low-Pass Filter Derivation Circuit—Class-D APAs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com