Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL5000 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPL5000
Description  TPL5000 Nano-Power Programmable Timer with Watchdog Functionality
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL5000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPL5000 Datasheet HTML 7Page - Texas Instruments TPL5000 Datasheet HTML 8Page - Texas Instruments TPL5000 Datasheet HTML 9Page - Texas Instruments TPL5000 Datasheet HTML 10Page - Texas Instruments TPL5000 Datasheet HTML 11Page - Texas Instruments TPL5000 Datasheet HTML 12Page - Texas Instruments TPL5000 Datasheet HTML 13Page - Texas Instruments TPL5000 Datasheet HTML 14Page - Texas Instruments TPL5000 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPL5000
www.ti.com
SNAS628B – JULY 2013 – REVISED DECEMBER 2014
Feature Description (continued)
8.3.2 Configuration and Interface
The time interval between 2 adjacent WAKE pulses (or 2 adjacent RSTn pulses or RSTn and WAKE pulses) is
selectable through 3 digital input pins (D0, D1, D2). These pins can be strapped to either VDD (1) or GND (0).
Eight possible time delays can be selected, as shown in Table 1.
Table 1. Timer Delay Period
D2
D1
D0
Time (s)
Factor N
0
0
0
1
26
0
0
1
2
27
0
1
0
4
28
0
1
1
8
29
1
0
0
10
10*26
1
0
1
16
210
1
1
0
32
211
1
1
1
64
212
8.4 Device Functional Modes
The TPL5000 mode of operations are selected through the PGOOD pin. There are two factors to consider when
the PGOOD pin is at a high-logic level or low-logic level. When the PGOOD pin is at a high-logic level, the
TPL5000 works as a timer and conversely at a low-logic level the TLP5000 does not work as a timer. For best
use of TPL5000 waiting for high-logic is necessary.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPL5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com