Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113ALF-DS-R02 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IP113ALF-DS-R02
Description  10 /100Base-Tx/Fx Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113ALF-DS-R02 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IP113ALF-DS-R02 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
IP113A LF
Preliminary Data Sheet
Block Diagram
10/100M TX
PHY
Two port switch
SSRAM
EEPROM
I/F
100M FX
PLL/ Clock
Generator
LED
I/F
Forward Mode
Control
RXIP
RXIM
SCL
SDA
MII
MII
LED
TXOP
TXOM
FXSD
FXRDP
FXRDM
FXTDP
FXTDM
Revision History
Revision #
Change Description
IP113A LF-DS-R01 Initial release.
IP113A LF-DS-R02 Remove Operation Junction Temperature.
IP113A LF-DS-R03 TP port should be linked at 100M full duplex when working at this mode.
IP113A LF-DS-R04 Add the order information for lead free package.
IP113A LF-DS-R05 Revise the diagram.
IP113A LF-DS-R06 TP_FORCE (Pin24) &X_EN(Pin29)
It is an input pin during reset period. The default value is latched at the end of reset.
IP113A LF-DS-R07 Remove internal pull-high resistance & pull-low resistance on page 5.
Modify the IPL : pull-low and IPH : pull-high
IP113A LF-DS-R08 Add Power Pin description on Page10
April 9, 2007
2/22
Copyright © 2004, IC Plus Corp.
IP113A LF-DS-R08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com