Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113ALF-DS-R02 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # IP113ALF-DS-R02
Description  10 /100Base-Tx/Fx Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113ALF-DS-R02 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button IP113ALF-DS-R02 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP113ALF-DS-R02 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
IP113A LF
Preliminary Data Sheet
20/22
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113A LF-DS-R08
EEPROM registers (continued)
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Local MC extended register
6.0
reserved
--
The default value must be adopted for normal
operation.
0
6.1
reserved
--
The default value must be adopted for normal
operation.
0
6.2
p01_mg_auto_neg_en
--
TP port auto-negotiation enable
1: TP auto-negotiation enable
0: TP auto-negotiation disable
1
6.3
p01_mg_speed_mode
--
TP port speed selection
1: 100M, 0:10M
1
6.4
p01_mg_duplex_mode
--
TP port duplex mode selection
1: full duplex, 0:half duplex
1
6.5
p01_mg_flow_ctrl_en
--
TP port flow control selection
1: on, 0:off
1
6.6
reserved
--
The default value must be adopted for normal
operation.
0
6.7
p02_mg_flow_ctrl_en
--
Fiber port flow control/backpressure enable
1: enable, 0: disable
Pin (1)
7.0
p02_mg_duplex_mode
--
Fiber port duplex mode (FX_FULL)
1: full duplex, 0:half duplex
1
7.1
reserved
--
The default value must be adopted for normal
operation.
1
7.2
reserved
--
The default value must be adopted for normal
operation.
0
7[4:3]
p01_mg_throttle_confg
--
TP port input Rate Control
2'b00: full speed
2'b01: 1/4 speed
2'b10: 2/4 speed
2'b11: 3/4 speed
00
7[6:5]
p01_mg_throttle_confg
--
TP port output Rate Control
2'b00: full speed
2'b01: 1/4 speed
2'b10: 2/4 speed
2'b11: 3/4 speed
00
7.7
mg_link_pass_en
--
Link Fault Pass through enable (LFP)
1: enable, 0: disable
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com