Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R03 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R03
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R03 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R03 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
IP113M LF
Preliminary Data Sheet
2.3
Remote management
IP113M LF supports remote monitor and configuration function. IP113M LF implement the function by
exchanging maintenance frames on fiber ports between two IP113M LF’s. The maintenance frames are
not forwarded to TP ports. The frame format follows the TS-1000 standard.
2.3.1
Maintenance frame format at MII
TXD0 F0 F4 C0 C4 C8 C12 S0 S4 S8 S12 M0 M4 M8 M12 M16 M20 M24 M28 M32 M36 M40 M44 E0 E4
TXD1 F1 F5 C1 C5 C9 C13 S1 S5 S9 S13 M1 M5 M9 M13 M17 M21 M25 M29 M33 M37 M41 M45 E1 E5
TXD2 F2 F6 C2 C6 C10 C14 S2 S6 S10 S14 M2 M6 M10 M14 M18 M22 M26 M30 M34 M38 M42 M46 E2 E6
TXD3 F3 F7 C3 C7 C11 C15 S3 S7 S11 S15 M3 M7 M11 M15 M19 M23 M27 M31 M35 M39 M43 M47 E3 E7
TXEN
2.3.2
Bit definition of maintenance frame
Bit
Item
Description
Note
F7 – F0
Preamble
01010101
Fixed
C0
Discriminator for the
maintenance signal
0
Fixed
C1
Direction
0: terminal MC
central MC
1: central MC
terminal MC
(MC: media converter)
C3 – C2
Command
00: Reserved
10: Indication
01: Request
11: Acknowledge
C7 – C4
Version
0000
Fixed
C15
C8
Function
0
0
0
0
0
0
01
Loop test start
0
0
0
0
0
0
00
Loop test finished
0
0
0
0
0
0
10
Status indication
C15 – C8
Control signal
Address [4:0]
R/W
11
R/W link partner’s
registers
S0
Condition of power
0: normal, 1: power off
S1
Situation of receiving optical
power
0: normal, 1: abnormal
S2
Terminal/ network side link
0: link up, 1: link down
If S11=“1”, S2=”X”
S3
MC (media converter) fails
0: normal, 1: abnormal
S4
Informing way for optical
receiving power off
0: maintenance frame
1: Far end fault indication
S5
Status indication for loop test 0: normal mode, 1: under loop test
April 9, 2007
16/58
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com