Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R03 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R03
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R03 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R03 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP113MLF-DS-R03 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
IP113M LF
Preliminary Data Sheet
45/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 20(continued)
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Switch configuration register 1 (MII register 20D, EEPROM register 02~03D)
20.10
3.2
mg_auto_tx_ttc
_content
R/W
The format of auto send status frame
1: TTC (TS-1000)
IP113M LF performs auto send functions
with the frame format defined in TS-1000.
0: ICPLUS
IP113M LF performs auto send functions
with the ICPLUS proprietary frame format.
The frame format is similar to the one
defined in TS-1000 except the bit definition
of S[15:0]. S[15:0] carries the content of MII
register
22[15:0]
local
MC
extended
register. IP113M LF uses the frame to
indicate its status to its link partner. The link
partner, another IP113M LF, stores the
information in the S[15:0] field of the frame
to its MII register 23 after receiving the
frame.
1
20.11
3.3
mg_sd_off_way
R/W
Informing way for optical receiving SD off
1: IP113M LF uses far end fault pattern to
notify the link partner SD off information
through fiber port.
0: IP113M LF uses maintenance frame to
notify the link partner SD off information
through fiber port.
1
20.12
3.4
Reserved
R/W
This bit should be “0” for normal operation.
1
20.13
3.5
tp_force
R/W
This pin overwrites the setting on pin 26
TP_FORCE. Please see pin description of
TP_FORCE for more detail information.
Pin (0)
20.14
3.6
mg_receive_en
R/W
TP receive enable
1: TP port can receive packet
0: TP port drop all received packet
This bit should be “1” for normal operation.
1
20.15
3.7
p02_receive_on
RO
LL
RC
Fiber port receive path ready
1: Fiber port receive path is ready (SD is on
and normal IDLE pattern received)
0: Fiber port receive path is not ready
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com