Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R04 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R04
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R04 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R04 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
IP113M LF
Preliminary Data Sheet
13/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
PIN Description (continued)
Pin no.
Label
Type
Description
SMI interface
47, 48
MDC, MDIO
I, IO
SMI interface
The external MAC device uses the interface to program
IP113M LF. MDIO is an open drain.
31, 32,
37, 12, 46
ADDR[4:0]
IPL
PHY address
The external MAC device uses the address to identify
each IP113M LF in a chassis.
IP113M LF also uses ADDR[2:0] as EEPROM address
A[2:0] to read EEPROM.
Pin no.
Label
Type
Description
EEPROM interface
45, 46
SDA, SCL
IPH, O EEPROM interface
Pin no.
Label
Type
Description
Misc.
28
RESETB
I
Reset
It is low active.
41, 40
OSCI, X2
I, O
Crystal pins
OSCI and X2 are connected to a 25Mhz crystal.
If a 25MHz oscillator is used, OSCI is connected to the
oscillator’s output and X2 should be left open.
26, 27
TSM, TSE
IPL
Scan pins
These two pins should be left open or connected to ground
for normal operation.
15
INTB
O
Interrupt
0: an interrupt happens. Its output is low.
1: no interrupt. Its output is high impedance and it needs
an external pull up resistor.
Pin no.
Label
Type
Description
Power
1,7,11
AVCC
2.5V Analog Power
19,39,44
VCC
2.5V Digital Power
34
VCC_IO
3.3V or 2.5V Digital Power
35
GND_IO
I/O Ground
4,10,20,
42,43
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com