Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R04 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R04
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R04 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R04 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP113MLF-DS-R04 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
IP113M LF
Preliminary Data Sheet
2.3.4
Remote monitor
Refer to the diagram below, users can instruct central IP113M LF, on the right, to issue a status request
frame to get status defined in TS-1000 by programming MII register 24. The terminal IP113M LF, on the
left, receives the status request frame and sends out its current status as a response frame onto the fiber
port when it is available. The central IP113M LF receives the status frame and stores the status of
terminal IP113M LF to its MII register 23. An acknowledge maintenance frame is store to MII register
26~30. The status of terminal IP113M LF is shown on the LEDs of central IP113M LF.
IP113M LF
(terminal)
IP113M LF
(central)
TP
TP
Maintenance frame
(C1=1, C2-3=10, C8-15=01000000)
Maintenance frame
(C1=0, C2-3=11, C8-15=01000000)
(1)
(2)
MDC, MDIO
(MII reg 24, 23)
FX
2.3.5
Remote control read
Users can instruct central IP113M LF to issue a remote control read frame to read the MII register of
terminal IP113M LF by programming MII register 24. The bits [11:7] of the register 24 are filled with the
address of register and bits [6:4] of the register 24 are filled with “011”. The terminal IP113M LF receives
the frame and sends out the content of the MII register to central IP113M LF when it is available. The
central IP113M LF receives the frame and stores the data to MII register 27. An acknowledge
maintenance frame is stored to MII register 26~30. The status of terminal IP113M LF is shown on LED of
central IP113M LF.
IP113M LF
(terminal)
IP113M LF
(central)
TP
TP
Maintenance frame
(C1=1, C2-3=10, C8-15=110xxxxx)
MDC, MDIO
(MII reg 24,27)
Maintenance frame
(C1=0, C2-3=11, C8-15=01000000)
FX
2.3.6
Remote control write
Users can instruct central IP113M LF to issue a configure frame to write the MII register of terminal
IP113M LF by programming MII register 24 and 25. The bits [11:7] of the register 24 are filled with the
address of register and bits [6:4] of the register 24 are filled with “111”. MII register 25 defines the data.
The terminal IP113M LF receives the configure frame, configures itself according to the content of the
frame and sends out its current status as a response frame onto the fiber port when it is available. The
status of terminal IP113M LF is shown on LED of central IP113M LF.
IP113M LF
(terminal)
IP113M LF
(central)
TP
TP
Maintenance frame
(C1=1, C2-3=10, C8-15=111xxxxx)
MDC, MDIO
(MII reg 24,25)
Maintenance frame
(C1=0, C2-3=11, C8-15=01000000)
FX
April 9, 2007
18/58
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com