Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP100ALF Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 81Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 82Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 83Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 84Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 85Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 86Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 87Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 88Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
IP100A LF
Preliminary Data Sheet
85/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.6.20 PowerMgmtCap
Class............................. LAN PCI Configuration Registers, Power Management
Base Address ............... PCI device configuration header start
Address Offset .............. 0x52
Default Value ................ 0x7602
Width ............................ 16 bits
PowerMgmtCap provides information about the IP100A LF’s power management capabilities. Several
bits are loaded from the EEPROM during auto-initialization.
BIT
BIT NAME
R/W
BIT DESCRIPTION
2..0
Versi on
R
Version. Version is set to 0x2, indicating PCI Bus Power
Management Specification Revision 1.1.
3
Reserved
N/A
Reserved for future use.
4
Vaux
R
Auxiliary Voltage. If Vaux is a logic 1, auxiliary power via the PCI
Bus is required from the system to support PME in the D3cold
state. If Vaux is a logic 0, auxiliary power is supplied from
elsewhere (i.e. not from the PCI Bus) to support PME in the
D3cold state.
8..5
Reserved
N/A
Reserved for future use.
9
D1Support
R
D1 Power State Support. When D1Support is a logic 1, the
IP100A LF supports the D1 power state. D1Support is loaded
from the ConfigParm field of an EEPROM during auto
initialization of the IP100A LF.
10
D2Support
R
D2 Power State Support. When D2Support is a logic 1, the
IP100A LF supports the D2 power state. D2Support is loaded
from the ConfigParm field of an EEPROM during auto
initialization of the IP100A LF.
15..11
PmeSupport
R
Power Management Event Support. PmeSupport indicates the
power states from which the IP100A LF is able to generate a
power management event by asserting the PMEN signal. Each bit
corresponds to a power state. A logic 1 in a particular bit position
indicates that events can be generated from the indicated power
state.
BIT
15
BIT
14
BIT
13
BIT
12
BIT
11
POWER MANAGEMENT EVENT
MAY BE GENERATED FROM
STATE
x
x
x
x
1
D0
x
x
x
1
x
D1
x
x
1
x
x
D2
x
1
x
x
x
D3Hot
1
x
x
x
x
D3Cold
PmeSupport bit 11 and 14 are hard-wired to 0 and 1 respectively,
while bits 12, 13, and 15 are loaded from the ConfigParm field of
an EEPROM during auto initialization of the IP100A LF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com