Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP100ALF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP100ALF Datasheet HTML 1Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
IP100A LF
Preliminary Data Sheet
1/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
Integrated 10/100 Ethernet MAC + PHY
Features
Single chip 10/100BASE, half or full duplex
Ethernet Media Access Controller
IEEE
802.3
compliant
100BASE-TX/100BASE-FX/10BASE-T
PCI Bus master scatter/gather DMA on any
byte boundary
Full operation with PCI Clock from 25 MHz to
33 MHz
PCI Revision 2.2 compliant
On-chip transmit and receive FIFO buffers
On-chip LED drivers
Power management capabilities for ACPI 1.0
compliant systems
WakeOnLAN support
Management statistics gathering
IP multicast receive and filter support using
64 bit hash table
Transmit polling
Auto pad insertion for short packets
Programmable minimum Inter Packet Gap
Supports auto MDI-MDIX function
Smart Cable Analyzer (SCA) Support
Capable of using 93C46 EEPROM
On-chip crystal oscillator
On-chip voltage regulator
2.5/3.3V CMOS with 5V tolerant I/O
0.25µm technology
128-pin PQFP
Support Lead Free package (Please refer to
the Order Information)
General Description
The IP100A LF is a single-chip, full duplex,
10/100Mbps Ethernet MAC + PHY incorporating a
32-bit PCI with bus master support. The IP100A
LF is designed for use in a variety of applications
including workstation NICs, PC motherboards,
and other systems utilizing a PCI bus that require
network connectivity to an Ethernet or Fast
Ethernet LAN.
The IP100A LF includes a PCI bus interface unit,
IEEE 802.3 compliant MAC, transmit and receive
FIFO buffers, IEEE 802.3 compliant 100BASE-TX,
10BASE-T,
and
100BASE-FX
PHY,
serial
EEPROM interface and LED drivers.
The IP100A LF implements a rich set of control
and status registers. Accessible via the PCI
interface, these registers provide a host system
visibility into the features and operating state of
the IP100A LF. Network management statistics
are also recorded, and host access to registers of
the PHY device are facilitated through the IP100A
LF’s PCI interface.
The IP100A LF supports features for use in
“Green PCs” or systems where control over
system power consumption is desired. The
IP100A LF supports several power down states,
and the ability to issue a system “wake event” via
reception of unique, user defined Ethernet frames.
In addition, the IP100A LF can assert a wake
event in response to changes in the Ethernet link
status


Similar Part No. - IP100ALF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
IP100A PULSE-IP100A Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - IP100ALF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Davicom Semiconductor, ...
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
USB to Ethernet MAC Controller with Integrated 10/100 PHY
logo
Synaptics Incorporated.
CX92125 CONEXANT-CX92125 Datasheet
222Kb / 2P
Integrated 10/100 Ethernet MAC
CX92235 CONEXANT-CX92235 Datasheet
222Kb / 2P
Integrated 10/100 Ethernet MAC
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com