Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF-DS-R01 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # IP1000ALF-DS-R01
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF-DS-R01 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF-DS-R01 Datasheet HTML 59Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 60Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 61Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 62Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 63Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 64Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 65Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 66Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
63/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.3.3
SubsystemVendorId
Class............................. EEPROM Fields
I/O Base Address ......... 0x00, accessed via the EepromCtrl register
Address Offset .............. 0x02
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
15..0
SubsystemVendorId Subsystem
Vendor
ID.
SubsystemVendorId
corresponds
to
the
SubsystemVendorId register.
3.2.3.4
SubsystemId
Class............................. EEPROM Fields
I/O Base Address ......... 0x00, accessed via the EepromCtrl register
Address Offset .............. 0x03
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
15..0
SubsystemId
Subsystem ID. SubsystemId corresponds to the SubsystemId register.
3.2.3.5
PCI IO/Mem Base Address [15:8]
Class............................. EEPROM Fields
I/O Base Address ......... 0x00, accessed via the EepromCtrl register
Address Offset .............. 0x04
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
0
APS
Default setting as 1
7..1
Reserved
Reserved for future use.
15..8
PCI IO/Mem Base
Address[15:8]
At ForcedConfig Mode, PCI IO/Mem Base Address[15:8] are setted from the
field.
3.2.3.6
PCI IO/Mem Base Address [31:16]
Class............................. EEPROM Fields
I/O Base Address ......... 0x00, accessed via the EepromCtrl register
Address Offset .............. 0x05
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
15..0
PCI IO/Mem Base
Address[31:16]
At ForcedConfig Mode, PCI IO/Mem Base Address[31:16] are setted from
the field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com