Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF-DS-R01 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # IP1000ALF-DS-R01
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF-DS-R01 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF-DS-R01 Datasheet HTML 65Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 66Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 67Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 68Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 69Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 70Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 71Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 72Page - List of Unclassifed Manufacturers IP1000ALF-DS-R01 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
69/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
tCL
1
Clock Low Time
18
ns
Clock Slew Rate
2 (peak to peak)
0.1
V/ns
tSLCH
S Active Setup Time (relative to C)
10
ns
tCHSL
S Not Active Hold Time (relative to C)
10
ns
tDVCH
Data In Setup Time
5
ns
tCHDX
Data In Hold Time
5
ns
tCHSH
S Active Hold Time (relative to C)
10
ns
tSHCH
S Not Active Setup Time (relative to C)
10
ns
tSHSL
S Deselect Time
100
ns
tSHQZ
2
Output Disable Time
15
ns
tCLQV
Clock Low to Output Valid
15
ns
tCLQX
Output Hold Time
0
ns
tHLCH
HOLD Setup Time (relative to C)
10
ns
tCHHH
HOLD Hold Time (relative to C)
10
ns
tHHCH
HOLD Setup Time (relative to C)
10
ns
tCHHL
HOLD Hold Time (relative to C)
10
ns
tHHQX
2
HOLD to Output Low-Z
15
ns
tHLQZ
2
HOLD to Output High-Z
20
ns
tDP
2
S High to Deep Power-down Mode
3
µs
tRES1
2
S High to Standby Mode without
Electronic Signature Read
3
µs
tRES2
2
S High to Standby Mode with
Electronic Signature Read
1.8
µs
tW
Write Status Register Cycle Time
5
15
ms
tPP
Page Program Cycle Time
2
5
ms
tSE
Sector Erase Cycle Time
2
3
s
tBE
Bulk Erase Cycle Time
3
6
s
EEPROM Interface
Tskc
EESK cycle
1
µs
-
ns
Tskh
EESK high
250
-
ns
Tskl
EESK low
250
-
ns
Tcs
EECS low
250
-
ns
Tpd
EEDI valid wrt EESK rise
100
-
ns
Tcsk
EECS setup wrt EESK rise
50
-
ns
Tcsh
EECS hold wrt EESK fall
0
-
ns
Tdos
EEDO setup wrt EESK rise
70
500
ns
Tdoh
EEDO hold wrt EESK rise
-
500
ns
MII Interface (10/100) – Transmit
Tcc
TXCLK cycle
T=1 when 100Mb/s;
10 when 10Mb/s
40T
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com