Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175ALF Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IP175ALF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IP175ALF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 18Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 20Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 21Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 22Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 23Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
IP175A LF
Preliminary Data Sheet
4.3
MII0 MAC mode
MII0 works at MAC mode if MII_MAC_MOD is pulled high. MII0 is an interface between port4 of internal
switch controller and external PHY. It replaces an Ethernet PHY with a user specified PHY in this application.
The speed and duplex of MII0 are configured by P4_FORCE, P4_FORCE100 and P4_FORCE_FULL.
IP175A LF doesn’t read the status of external PHY via SMI at this mode.
MI I0
PH Y
PH Y
0
PH Y
1
PH Y
2
PH Y
3
PH Y
4
( u nus ed )
I P 175A LF
( M A C m ode )
por t 0
por t 1
por t 2
por t 3
por t 4
sw it ch co n t r o lle r
21/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com