Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175ALF Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # IP175ALF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button IP175ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175ALF Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
IP175A LF
Preliminary Data Sheet
39/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
ROM
MII
Pin name
Description
Default
EEPROM registers 07H
7[7:0]
--
--
Reserved
8’b0
ROM
MII
Pin name
Description
(Transceiver control register 1)
Default
EEPROM registers 08H
8[7:0]
--
--
Reserved
8’b0
ROM
MII
Pin name
Description
(Transceiver control register 2)
Default
EEPROM registers 09H
9[7:2]
--
--
Reserved
6’b0
9.1
--
--
Savepw_a_en,
Save power mode
Digital sends wake up signal to analog before sending FLP if
this function is active.
0: disable, 1: enable
The default value must be adopted for normal operation.
1
9.0
--
--
MDI/MDI-X enable
1: enable (default), 0:disable
This function should be tuned on for normal operation.
Disable MDIX is inhibited.
1
ROM
MII
Pin name
Description
(Transceiver verification register 1)
Default
EEPROM registers 0AH
A[7:6]
--
--
Reserved
00
A.5
--
--
Reserved
0
A.4
--
--
Reserved
0
A.3
--
--
Reserved
0
A.1
--
--
Reserved
0
A.0
--
--
Reserved
0
ROM
MII
Pin name
Description
(Transceiver verification register 2)
Default
EEPROM registers 0BH
B.7
--
--
Reserved
1’b0
B.6
--
--
Reserved
1’b0
B.5
--
--
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com