Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF-DS-R09 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # IP101ALF-DS-R09
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF-DS-R09 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button IP101ALF-DS-R09 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
IP101A LF
Data Sheet
14/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
Register Descriptions (continued)
Bit
Name
Description/Usage
Default value
(h): 7849
Register 1 : MII Status Register
15
100Base-T4
1 = enable 100Base-T4 support
0 = suppress 100Base-T4 support
0, RO
14
100Base-TX
Full Duplex
1 = enable 100Base-TX full duplex support
0 = suppress 100Base-TX full duplex support
1, RO
13
100BASE-TX
Half Duplex
1 = enable 100Base-TX half duplex support
0 = suppress 100Base-TX half duplex support
1, RO
12
10Base-T Full
Duplex
1 = enable 10Base-T full duplex support
0 = suppress 10Base-T full duplex support
1, RO
11
10_Base-T Half
Duplex
1 = enable 10Base-T half duplex support
0 = suppress 10Base-T half duplex support
1, RO
10:7
Reserved
0, RO
6
MF Preamble
Suppression
The IP101A LF will accept management frames with
preamble suppressed. The IP101A LF accepts management
frames without preamble. A Minimum of 32 preamble bits are
required for the first SMI read/write transaction after reset.
One idle bit is required between any two management
transactions as per IEEE802.3u specifications
1, RO
5
Auto-
Negotiation
Complete
1 = auto-negotiation process completed
0 = auto-negotiation process not completed
0, RO
4
Remote Fault
1 = remote fault condition detected (cleared on read)
0 = no remote fault condition detected
0, RO/LH
3
Auto-
Negotiation
1 = Link had not been experienced fail state
0 = Link had been experienced fail state
1, RO
2
Link Status
1 = valid link established
0 = no valid link established
0, RO/LL
1
Jabber Detect
1 = jabber condition detected
0 = no jabber condition detected
0, RO/LH
0
Extended
Capability
1 = extended register capability
0 = basic register capability only
1, RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com