Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP101ALF-DS-R09 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # IP101ALF-DS-R09
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF-DS-R09 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button IP101ALF-DS-R09 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP101ALF-DS-R09 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
IP101A LF
Data Sheet
31/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
7
Electrical Characteristics
7.1
D.C. Characteristic
7.1.1
Absolute Maximum Rating
Symbol
Conditions
Minimum
Typical
Maximum
Supply Voltage
3.0 V
3.3V
3.6V
Storage Temp
-55
°C
125
°C
7.1.2
Power Dissipation
Symbol
IP101A LF
Auto Power Saving Mode
41mA
Analog off Mode
17mA
Power Down Mode
11mA
Isolate Mode
11mA
100 Full
138mA
100 Half
137mA
10 Full
148mA
10 Half
147mA
10 Transmit
145mA
10 Receive
147mA
10 IDLE
95mA
7.1.3
Operating Condition
Symbol
Conditions
Minimum
Typical
Maximum
Vcc
3.3V Supply voltage
3.0 V
3.3V
3.6V
TA
Operating Temperature
0
°C
70
°C
7.1.4
Supply Voltage
Symbol
Specific Name
Condition
Min
Max
VIH
Input High Voltage
0.5*Vcc
Vcc+0.5V
VIL
Input Low Voltage
-0.5V
0.3*Vcc
VIH
X1 Input High Voltage
1.25V
VIL
X1 Input Low Voltage
0.42V
VOH
Output High Voltage
0.9*Vcc
Vcc
VOL
Output Low Voltage
0.1*Vcc
IOZ
Tri-state Leakage
Vout=Vcc or GND
IIN
Input Current
Vin=Vcc or GND
Icc
Average Operating Supply Current
Iout=0mA
200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com