Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R07 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R07
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R07 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R07 Datasheet HTML 67Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 68Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 69Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 70Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 71Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 72Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 73Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 74Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
71/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
PHY
MII
ROM
R/W
Description
Default
20.7
17.7
R/W Port3 VLAN look up table
Port5 and port3 are in the same VLAN
1’b1
Port3 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port3 are handled as high
priority packets.
Default value
TEST2=0
TEST2=1
P4EXT=1
P4EXT=0
20.6
17.6
R/W
0
Pin63 COS_EN (0)
0
*
20.5
17.5
R/W Port3 high priority port enable
1: enable, 0: disabled (default)
Packets received from port3 are handled as high priority packets.
1’b0
Port3 VLAN look up table
The register defines the ports in the same VLAN as port3. The
bit 0~5 are corresponding to port 0~5.
1: a port is in the same VLAN as port3
0: a port is not in the same VLAN as port3
Bit0=1, port 0 and port3 are in the same VLAN;
Bit1=1, port 1 and port3 are in the same VLAN;
Bit2=1, port 2 and port3 are in the same VLAN;
Bit3=1, don’t care;
Bit4=1, port 4 and port3 are in the same VLAN
Default value
Testmode38, 39
Testmode47
Others
29
20[4:0]
17[4:0]
R/W
5'b11000
5'b01000
5'b11111
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com