Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R07 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R07
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R07 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R07 Datasheet HTML 86Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 87Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 88Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 89Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 90Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 91Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 92Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 93Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
90/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
PHY
MII
ROM
R/W
Description
Default
17[14:13] 11[5:4]
R/W Drive
Pad driving capability selection
00: 4mA
01: 8mA
10: 12mA
11: 16mA
2’b0
17.12
DIGITAL_SPEED_UP
Default value
TEST2=0
TEST2=1
17.11
10.5
R/W
0
Pin79 DIGITAL_SPEED_UP(0)
*
DIGITAL_LPBK
Default value
TEST2=0
TEST2=1
17.10
10.4
R/W
0
Pin 84 DIGITAL_LPBK (0)
*
BYSCR_MODE
Default value
TEST2=0
TEST2=1
17.9
10.1
R/W
0
Pin 109 BPSCR (0)
*
F_LINK_100
Default value
TEST2=0
TEST2=1
17.8
11.3
R/W
0
Pin 63 F_LINK_100N (0)
*
F_LINK_10
Default value
TEST2=0
TEST2=1
17.7
11.2
R/W
0
Pin 59 F_LINK_10 (0)
*
SPEED_UP_10
Default value
TEST2=0
TEST2=1
17.6
11.1
R/W
0
Pin 80 SPEED_UP_10 (0)
*
TMOD_SEL
Default value
TEST2=0
TEST2=1
30
17[5:0]
12[5:0]
R/W
6’b000000
{pin64(0), pin65(0), pin67(0), pin100(0),
pin101(0), pin102(0)}
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com