Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R10 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R10
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R10 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R10 Datasheet HTML 57Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 58Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 59Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 60Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 61Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 62Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 63Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 64Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
61/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
MII register 1 of PHY0~4 (Each PHY has its own MII register 1 with different PHY address)
PHY
MII
ROM
R/W
Description
Default
Status register
4~0
1.2
--
RO
LL
Link Status
1 = Link Pass
0 = Link Fail
When read as logic 1, indicates that IP175C/IP175CH has
determined a valid link has been established. When read as
logic 0, indicates the link is not valid. This bit is cleared until a
valid link has been established and before reading the contents
of this registers.
0
4~0
1.1
--
Jabber Detect
1 = jabber condition detected
0 = no jabber condition detected
When read as logic 1, indicates that IP175C/IP175CH has
detected a jabber condition. This bit is always 0 for 100Mbps
operation and is cleared after IP175C/IP175CH reset. When
the duration of TXEN exceeds the jabber timer (21ms), the
transmission and loop back functions will be disabled and the
COL is active. After TXEN goes low for more than 500 ms, the
transmitter will be re-enabled.
0
4~0
1.0
--
RO
Extended capability
1 = Extended register capabilities
0 = No extended register capabilities
IP175C/IP175CH has extended register capabilities.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com