Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R10 Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R10
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R10 Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R10 Datasheet HTML 68Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 69Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 70Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 71Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 72Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 73Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 74Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 75Page - List of Unclassifed Manufacturers IP175C-DS-R10 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
72/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
PHY
MII
ROM
R/W
Description
Default
21.15
18.7
R/W Port4 VLAN look up table
Port5 and port4 are in the same VLAN
1’b1
Port4 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port4 are handled as high
priority packets.
Default value
TEST2=0
TEST2=1
P4EXT=1
P4EXT=0
21.14
18.6
R/W
0
Pin63 COS_EN (0)
0
*
Port4 high priority port enable
1: enable, 0: disabled (default)
Packets received from port4 are handled as high priority packets.
Default value
TEST2=0
TEST2=1
P4EXT=1
P4EXT=0
21.13
18.5
R/W
0
Pin 64 P4_HIGH (0) 0
*
Port4 VLAN look up table
The register defines the ports in the same VLAN as port4. The
bit 0~5 are corresponding to port 0~5.
1: a port is in the same VLAN as port4
0: a port is not in the same VLAN as port4
Bit8=1, port 0 and port4 are in the same VLAN;
Bit9=1, port 1 and port4 are in the same VLAN;
Bit10=1, port 2 and port4 are in the same VLAN;
Bit11=1, port 3 and port4 are in the same VLAN;
Bit12=1, don’t care;
Default value
Testmode38, 39
Testmode47
Others
29
21[12:8] 18[4:0]
R/W
5'b10001
5'b10000
5'b11111
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com