Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R10 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R10
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R10 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R10 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
31/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
LED display (normal operation)
Normal operation
LED_O_SEL
LinK_LED
SPEED_LED
FDX_LED
00
Off: link fail
On: 10 Mbps link ok
Flash: Tx/Rx
Off: link fail
On: 100 Mbps link ok
Flash: Tx/Rx
Off: half duplex
On: full duplex
01
Off: link fail
On: link ok
Flash: Rx
Off: 10 Mbps
On: 100 Mbps
Off: half duplex
On: full duplex
Flash: collision
10
Off: link fail
On: 10 Mbps link ok
Flash: Tx/Rx
Off: link fail
On: 100 Mbps link ok
Flash: Tx/Rx
Off: half duplex
On: full duplex
Flash: collision
11
Off: link fail
On: link ok
Flash: Tx/Rx
Off: 10 Mbps
On: 100 Mbps
Off: half duplex
On: full duplex
Flash: collision
Flash behavior: On 44ms
Off 176ms
On 44ms
…
When link quality is poor
LED_O_SEL
LinK_LED
SPEED_LED
FDX_LED
Don’t care
Flash
Flash behavior: Off 2s
On 2s
Off 2s
…
SCA
See SCA paragraph for detail information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com