Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R10 Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R10
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R10 Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R10 Datasheet HTML 84Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 85Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 86Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 87Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 88Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 89Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 90Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 91Page - List of Unclassifed Manufacturers IP178C-DS-R10 Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
3.3.2
MAC Mode MII Timing
a. Receive Timing Requirements
88/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
Symbol
Description
Min.
Typ.
Max.
Unit
TRxClk
Receive clock period 100 Mbps MII
-
40
-
ns
TsRxClk
RXDV, RXD to RXCLK setup time
2
-
-
ns
ThRxClk
RXDV, RXD to RXCLK hold time
0.5
-
-
ns
RX CL K
R X DV, RX D[3 :0 ]
T sRxClk
T hRxClk
T RxClk
b. Transmit Timing
Symbol
Description
Min.
Typ.
Max.
Unit
T
Transmit clock period 100 Mbps MII
TxClk
-
40
-
ns
TdTxClk
TXCLK rising edge to TXEN, TXD
1
-
4
ns
TdTxClk
TXCLK
TXEN, TXD[3:0]
TTxClk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com