Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12/2P Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 12/2P
Description  2C/12 AWG STRANDED PLENUM - WHITE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

12/2P Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  12/2P Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
( All of the above values are approximated to within
)
02/22
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: +1-866-470-5742
SCP PART#: 12/2P
Description : 2C/12 AWG STRANDED PLENUM - WHITE - 1000 FT SPOOL
General Specication of Product :
Final Diameter :
0.258 inches
6.553 mm
Total Cable Weight:
84.0 kg/km
56.4 lbs/1000 ft
Conductor :
2 Cond -12 AWG 19 Strand SBC Cond.
PVC
Insulation :
PVC
Outer Jacket :
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print :
STRUCTURED CABLE PRODUCTS --- P/N 12/2P --- (UL) CL2P/CL3P
E198137-SCP OR FPLP 75°C (UL) C(UL) CMP FT-6 UNSH 2/C 12 AWG STR
BC AUDIO ONLY --- ZONE/DEVICE A B C D E 0 1 2 3 4 5 6 7 8 9 RoHS
Electrical Characteristics :
DC Resistance 25°C:
1.2 Ohms / 1000 ft
26.7 pF/ft
Mutual Capacitance :
60 Ohms
Impedance :
63 %
Velocity of Prop :
1.0 mH/km
Inductance. :
Additional Information
:
Cabdled OD Avg: 0.224
Ins Thickness: 0.011
Jkt Thickness: 0.017
Certified: UL CL2P/CL3P OR FPLP / UL C(UL) CMP
Flame Rating: Plenum
Max Voltage: 300V
Packaging: Plywood Spool 12 x 12 x 5"
Packaging Weight: 57 lbs / 26 kgs


Similar Part No. - 12/2P

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
12/20/26T4/27 SATCO-12/20/26T4/27 Datasheet
125Kb / 1P
12/20/26 watt; Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
12/20/26T4/41 SATCO-12/20/26T4/41 Datasheet
126Kb / 1P
12/20/2026 watt; Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
12/20/26T4/50 SATCO-12/20/26T4/50 Datasheet
125Kb / 1P
12/20/2026 watt; Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
logo
Structured Cable Produc...
12/2OFC-HD-BK STRUCTURED-CABLE-12/2OFC-HD-BK Datasheet
1Mb / 2P
Premium Speaker Cable Round HD Jacket Indoor/Outdoor Rated - 12AWG
12/2OFC-HD-BK-D STRUCTURED-CABLE-12/2OFC-HD-BK-D Datasheet
1Mb / 2P
Premium Speaker Cable Round HD Jacket Indoor/Outdoor Rated - 12AWG
More results

Similar Description - 12/2P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344189 ETC2-1344189 Datasheet
100Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1344471 ETC2-1344471 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, plenum, FEP insulation
1345074 ETC2-1345074 Datasheet
99Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1345332 ETC2-1345332 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation,
1345992 ETC2-1345992 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1346352 ETC2-1346352 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, plenum, FEP insulation,
82442 ETC2-82442 Datasheet
97Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, plenum, FEP insulation
82723 ETC2-82723 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1325A ETC2-1325A Datasheet
98Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
logo
SparkFun Electronics
PRT-08866 SPARKFUN-PRT-08866 Datasheet
94Kb / 1P
Hook-up Stranded Wire - White (22 AWG)
3/28/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com