Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9AD-USBTYPEC Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 9AD-USBTYPEC
Description  USB Type-C to HDMI 4K HDR Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

9AD-USBTYPEC Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  9AD-USBTYPEC Datasheet HTML 1Page - Structured Cable Products Inc. 9AD-USBTYPEC Datasheet HTML 2Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.scpcat5e.com | sales@scpcat5e.com
Structured Cable Products Inc.
1 /
2
TM
USB Type-C to HDMI 4K HDR Adapter
P/N:
9AD-USBTYPEC
Date: 2019-01-04
DESCRIPTIONS
Easily share your devices’ content to your friends or business partners, including smart phones,
MacBook, and Laptops. Enjoy its hassle-free USB Type-C/Thunderbolt 3 Connector and true 4K Ultra HD
ability, and connect your devices to HDMI Monitor, HDTV, or Projectors. This is an ideal solution for those
who want to share your achievement or entertainment with astonishing image quality.
It also supports 4K HDR (High Dynamic Range) video quality display with astonishing crystal clear and
realistic image (source & display both need to support HDR). You could enjoy more realistic display once
attached this adapter.
KEY FEATURES
u
Converts USB Type-C signal to HDMI 2.0b Signal
u
Full resolution up to 4K 60fps
u
Supports 4K HDR
u
HDCP 2.2
u
DisplayPort Alternate Mode needed for video output
u
Plug and Play, no external power required
Applications
u
Home Theater
u
Conference Room Video Equipment
u
Shopping Mall Advertisement
DATA SHEET


Similar Part No. - 9AD-USBTYPEC

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
9AD-DP1.4 STRUCTURED-CABLE-9AD-DP1.4 Datasheet
590Kb / 2P
DisplayPort to HDMI 4K HDR Adapter
2019-01-04
9AD-MDP1.4 STRUCTURED-CABLE-9AD-MDP1.4 Datasheet
676Kb / 2P
Mini DisplayPort to HDMI 4K HDR Adapter
2019-01-04
More results

Similar Description - 9AD-USBTYPEC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-006-H TRIPPLITE-U444-006-H Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @30Hz, 6 ft.
U444-06N-HDR-W TRIPPLITE-U444-06N-HDR-W Datasheet
158Kb / 3P
USB-C to HDMI 4K Adapter with HDR - M/F, USB 3.1, Thunderbolt 3 Compatible, 4K @ 60 Hz, White
U444-06N-HD4K6B TRIPPLITE-U444-06N-HD4K6B Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
U444-06N-HD4K6W TRIPPLITE-U444-06N-HD4K6W Datasheet
163Kb / 3P
USB-C 3.1 to HDMI 4K Adapter, M/F, Thunderbolt 3 Compatible, 4K @ 60 Hz, White
U444-06N-HD-AM TRIPPLITE-U444-06N-HD-AM Datasheet
164Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatible, 4K @24/25/30Hz
U444-06N-HDV4K TRIPPLITE-U444-06N-HDV4K Datasheet
163Kb / 4P
USB Type-C (USB-C) to HDMI/DVI/VGA All-in-One Converter Adapter, Thunderbolt 3 Compatible, Ultra HD 4K @30Hz
U444-06N-HV4K TRIPPLITE-U444-06N-HV4K Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI/VGA 4K Adapter (M/2xF), Thunderbolt 3 Compatible, 4K @30Hz
P136-06N-HDR-W TRIPPLITE-P136-06N-HDR-W Datasheet
163Kb / 3P
DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, HDCP 2.2, White
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
logo
IOGEAR
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com