Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9AD-USBTYPEC Datasheet(PDF) 2 Page - Structured Cable Products Inc.

Part # 9AD-USBTYPEC
Description  USB Type-C to HDMI 4K HDR Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

9AD-USBTYPEC Datasheet(HTML) 2 Page - Structured Cable Products Inc.

  9AD-USBTYPEC Datasheet HTML 1Page - Structured Cable Products Inc. 9AD-USBTYPEC Datasheet HTML 2Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.scpcat5e.com | sales@scpcat5e.com
Structured Cable Products Inc.
2 /
2
TM
Specifications
④
①
③
②
No.
Type
Description
①
Plug
Mini DisplayPort/M connector, Nickel-Plated, Black
②
Receptacle
HDMI A/F
③
Enclosure
Aluminum, Matte Black, ABS Frontal & Back Plate
④
Cable
OD: 4.5 mm, Length: 100 mm (SR to SR)
Main IC
IT6563
Dimension (mm)
61.9(L)*28(W)*12(H)
Installation
To Source, e.g. PC, Laptop, MacBook
To Sink, e.g. HDTV, Projector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com