Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5-402WEBW-R Datasheet(PDF) 4 Page - PATLITE CORPORATION.

Part # LR5-402WEBW-R
Description  Signal Tower with Ethernet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-402WEBW-R Datasheet(HTML) 4 Page - PATLITE CORPORATION.

  LR5-402WEBW-R Datasheet HTML 1Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 2Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 3Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 4Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 5Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 6Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 7Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 8Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
※ The intermittent buzzer and the LED pattern do not synchronize.
4.1 LED unit, Buzzer unit control function
4.2 Status Acquisition Function
4.3 External Monitoring Function
4.4 Setting Function
Languages supported
on the setting screen
Japanese, English, Traditional Chinese, Sinplified Chinese, Korean, Thai
German, French, Italian, Spanish
Current status of Signal Tower, Buzzer can be acquired by PNS Command.
Socket Communication
Configuration Setting
Various configurations of the Main Unit can be read and written as setting files
Main Unit Setting
Various settings of the main body can be done with a web browser.
Supported browsers:Microsoft Edge, Google Chrome
Firmware Update
Firmware of the main unit can be updated using WEB browser.
Number of Monitoring
1
Network setting in this product can communicate with
Automatic Network Setting
a DHCP server to be set automatically.
Sending Count
The number of times to detect can be set from 1 to 30.
Number of Sending
The number of sending Ping by one monitoring can be set from 1 to 3.
Modbus/TCP Monitoring
Monitor the connection status with the Modbus/TCP master
Ping Monitoring
Network abnormality detection by sending Ping network devices
Number of Monitoring
1
Monitoring Cycle
1~600 seconds
HTTP/HTTPS
Current status of Signal Tower, Buzzer and Firmware Version
can be acquired by HTTP/HTTPS Command.
Socket Communication
Controllable with PNS Command
Current status of Signal Tower, Buzzer
can be acquired by Modbus/TCP Command.
Modbus/TCP
4.Function Specifications
Controllable with Modbus/TCP Command
Modbus/TCP
HTTP/HTTPS
Controllable with HTTP/HTTPS Command
6
Double Flash
7
Triple Flash
Buzzer unit operation control
ON/OFF control
3
Flashing(Medium) 【0.25sec ON / 0.25sec OFF】
4
Flashing(Fast) 【0.125sec ON / 0.125sec OFF】
5
Single Flash
3.Action Specifications
7 patterns + off can be controlled for each LED unit color
LED unit operation control
Flashing
Pattern
1
Continuous ON
2
Flashing(Slow) 【0.5sec ON / 0.5sec OFF】
Drawing No.
Rev.
Page
B
4/8
LR5-02WE-W18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com