Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5-402WEBW-R Datasheet(PDF) 5 Page - PATLITE CORPORATION.

Part # LR5-402WEBW-R
Description  Signal Tower with Ethernet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-402WEBW-R Datasheet(HTML) 5 Page - PATLITE CORPORATION.

  LR5-402WEBW-R Datasheet HTML 1Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 2Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 3Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 4Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 5Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 6Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 7Page - PATLITE CORPORATION. LR5-402WEBW-R Datasheet HTML 8Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
・Fuse
※Reccomended Fuse : 250V/1A (5 × 20mm Fast-Acting Glass Body Cartridge Fuse)
・LAN cable
Since the RJ-45 connector at the end of the LAN cable is connected to the body,
it should meet the dimensional requirements shown below.
*When using the wall-mount bracket SZK-002W and SZK-001U,
you have to use LAN cable with a diameter of 15 mm or less.
5.Wiring
Fuse Rating
250V / 1A
Drawing No.
Rev.
Page
B
WE
LE Type
5/8
LR5-02WE-W18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com