Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5-502WEBW-R Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # LR5-502WEBW-R
Description  Signal Tower with Ethernet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-502WEBW-R Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  LR5-502WEBW-R Datasheet HTML 1Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 2Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 3Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 4Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 5Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 6Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 7Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 8Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Unit Model(Body Unit)
Size
Body Color
Rated Voltage
Mounting/Wiring
Assembly Model
LED Unit Color
Body Color
Size
Rated Voltage
Buzzer Unit
Tiers
From top to bottom
Mounting/Wiring
Conformity Standards
UL 508 ,CAN/CSA C22.2 No.14-18
FCC Part15 SubpartB(Class A), ICES-003 Issue 7(Class A)
EN 61000-6-4, EN 61000-6-2, EN IEC 63000
KS C 9610-6-4, KS C 9610-6-2
Remarks
・Due to the characteristics of the LED elements, a variation in difference of
the color tone and brightness of every product may occur
・Conforms to the CE/UKCA requirements
・UL Recognized Component(File No.E215660)
・Modbus is a registered trademark of Modicon Inc.
(Schneider Automation International).
・Microsoft Edge is registered trademark of Microsoft Corporation in the United States
and other countries.
・Google Chrome is a trademark or registered trademark of Google LLC.
WE
5
5Tiers
LE Mounting with pole/L-bracket, Ethernet communication
2
2Tiers
3
3Tiers
4
4Tiers
C
White
B
1
1Tier
N
With buzzer
No buzzer
Direct mounting, Ethernet communication
5
Φ50
02
24V DC
B
Blue
Y Amber
W
Off-white
G Green
—
—
—
— R
R
R
R Y
Y
Y
Y G
G
G
G
R
Red
0
00
0 2
22
2 W
W
W
W E
E
E
E B
B
B
B W
W
W
W
Off-white
02
24V DC
WE
LE
L
L
L
L R
R
R
R 5
55
5 -
-
-
- 3
33
3
Φ50
W
R
R
R
R 5
55
5 -
-
-
- 0
00
0
Drawing No.
Rev.
Page
B
2.Model Number Configuration
L
L
L
L
2
22
2 W
W
W
W
Mounting with pole/L-bracket, Ethernet communication
Direct mounting, Ethernet communication
E
E
E
E N
N
N
N W
W
W
W
5
3/8
LR5-02WE-W18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com