Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5-502WEBW-R Datasheet(PDF) 6 Page - PATLITE CORPORATION.

Part # LR5-502WEBW-R
Description  Signal Tower with Ethernet
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-502WEBW-R Datasheet(HTML) 6 Page - PATLITE CORPORATION.

  LR5-502WEBW-R Datasheet HTML 1Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 2Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 3Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 4Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 5Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 6Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 7Page - PATLITE CORPORATION. LR5-502WEBW-R Datasheet HTML 8Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6.1 [WE] Direct mounting
Unit:mm
※Maximum Board Thickness:7
6
Waterproof Packing
Silicone Rubber
7
Mounting Bolt(M3)
Steel
4
Body
PC(Off-white)
5
Direct Mount Bracket
PC(Off-white)
2
Head Cover
PC(Off-white)
3
Globe
PC(Color based on LED unit)
6.Outer Dimensions
No.
Name
Material
1
Buzzer Unit
PC(Off-white)
Drawing No.
Rev.
Page
B
Removed Direct Mount Bracket
φ50
53.5
40
80
LR5-102WE : 173.5
LR5-202WE : 213.5
LR5-302WE : 253.5
LR5-402WE : 293.5
LR5-502WE : 333.5
12
φ50
19
40
80
LR5-02WE : 99
LR5-102WE : 139
LR5-202WE : 179
LR5-302WE : 219
LR5-402WE : 259
LR5-502WE : 299
12
1
2
3
4
5
6
3
4
5
6
7
7
6/8
LR5-02WE-W18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com