Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT573AM Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74VHCT573AM
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT573AM Datasheet(HTML) 5 Page - STMicroelectronics

  74VHCT573AM Datasheet HTML 1Page - STMicroelectronics 74VHCT573AM Datasheet HTML 2Page - STMicroelectronics 74VHCT573AM Datasheet HTML 3Page - STMicroelectronics 74VHCT573AM Datasheet HTML 4Page - STMicroelectronics 74VHCT573AM Datasheet HTML 5Page - STMicroelectronics 74VHCT573AM Datasheet HTML 6Page - STMicroelectronics 74VHCT573AM Datasheet HTML 7Page - STMicroelectronics 74VHCT573AM Datasheet HTML 8Page - STMicroelectronics 74VHCT573AM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
CIN
Input Capacitance
4
10
10
pF
COUT
Output Capacitance
8
pF
CPD
Power Dissipation
Capacitance (note 1)
26
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/8 (per Latch)
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VOLP
Dynamic Low Voltage
Quiet Output (note 1, 2)
5.0
CL =50 pF
0.6
0.9
V
VOLV
-0.9
-0.6
VIHD
Dynamic High Voltage
Input (note 1, 3)
5.0
2.0
VILD
Dynamic Low Voltage
Input (note 1, 3)
5.0
0.8
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.0V, (n -1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to3.0V. Inputs under test switching: 3.0V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
TEST CIRCUIT
T EST
SW IT CH
tPLH,tPHL
Open
tPZL,tPLZ
VCC
tPZH,tPHZ
GND
CL = 15/50 pF or equivalent (includes jig and probe capacitance)
RL =R1 =1K
Ω orequivalent
RT =ZOUT of pulse generator (typically 50
Ω)
74VHCT573A
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com