Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHCT573AM Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHCT573AM
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT573AM Datasheet(HTML) 1 Page - STMicroelectronics

  74VHCT573AM Datasheet HTML 1Page - STMicroelectronics 74VHCT573AM Datasheet HTML 2Page - STMicroelectronics 74VHCT573AM Datasheet HTML 3Page - STMicroelectronics 74VHCT573AM Datasheet HTML 4Page - STMicroelectronics 74VHCT573AM Datasheet HTML 5Page - STMicroelectronics 74VHCT573AM Datasheet HTML 6Page - STMicroelectronics 74VHCT573AM Datasheet HTML 7Page - STMicroelectronics 74VHCT573AM Datasheet HTML 8Page - STMicroelectronics 74VHCT573AM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74VHCT573A
OCTAL D-TYPE LATCH
WITH 3 STATE OUTPUT NON INVERTING
February 2000
s
HIGH SPEED: tPD = 5.4 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 573
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.9V (Max.)
DESCRIPTION
The 74VHCT573A is an advanced high-speed
CMOS OCTAL D-TYPE LATCH with 3 STATE
OUTPUT
NON
INVERTING
fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology.
This 8 bit D-Type latch is controlled by a latch
enable input (LE) and an output enable input
(OE).
While the LE input is held at a high level, the Q
outputs will follow the data inputs precisely.
When the LE is taken low, the Q outputs will be
latched precisely at the logic level of D input data.
While the (OE) input is low, the 8 outputs will be
in a normal logic state (high or low logic level)
and while high level the outputs will be in a high
impedance state.
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
®
SOP
TSSOP
ORDER CODES
PACKAGE
T UBE
T & R
SOP
74VHCT573AM
74VHCT573AMTR
TSSOP
74VHCT573ATTR
1/10


Similar Part No. - 74VHCT573AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT573AM FAIRCHILD-74VHCT573AM Datasheet
91Kb / 8P
Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHCT573AM ONSEMI-74VHCT573AM Datasheet
266Kb / 11P
Octal D-Type Latch with 3-STATE Outputs
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT573AMTC FAIRCHILD-74VHCT573AMTC Datasheet
91Kb / 8P
Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHCT573AMTC ONSEMI-74VHCT573AMTC Datasheet
266Kb / 11P
Octal D-Type Latch with 3-STATE Outputs
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT573AMTCX FAIRCHILD-74VHCT573AMTCX Datasheet
91Kb / 8P
Octal D-Type Latch with 3-STATE Outputs
More results

Similar Description - 74VHCT573AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74AC573 STMICROELECTRONICS-74AC573 Datasheet
248Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74ACT373 STMICROELECTRONICS-74ACT373 Datasheet
90Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
74ACT573 STMICROELECTRONICS-74ACT573 Datasheet
79Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
12-Nov-2004
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Nov-1999
M74HCT573 STMICROELECTRONICS-M74HCT573 Datasheet
228Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
241Kb / 12P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HCT373 STMICROELECTRONICS-M74HCT373 Datasheet
230Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com