Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE4403 Datasheet(PDF) 32 Page - Texas Instruments

Part # AFE4403
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4403 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 28Page - Texas Instruments AFE4403 Datasheet HTML 29Page - Texas Instruments AFE4403 Datasheet HTML 30Page - Texas Instruments AFE4403 Datasheet HTML 31Page - Texas Instruments AFE4403 Datasheet HTML 32Page - Texas Instruments AFE4403 Datasheet HTML 33Page - Texas Instruments AFE4403 Datasheet HTML 34Page - Texas Instruments AFE4403 Datasheet HTML 35Page - Texas Instruments AFE4403 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
ADC_RDY
Register 2Eh
Register 3Fh
ADC Conversion of
(LED2-Ambient2)
Data 5
Data 6
Data 7
Data 8
Data 9
Data 10
Data 11
Data 12
Data 4
Average of Data 5, 6, 7, 8
Average of Data 1, 2, 3, 4
25-Hz Frequency
PRF Setting,
100 Hz
LED On
Data 5
Data 6
Data 7
Data 8
Data 9
Data 10
Data 11
Data 12
Data 4
32
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.4.6 Decimation Mode
The AFE4404 has a decimation mode that can be used to improve the performance at low pulse repetition
frequencies (PRFs). In this mode, up to N (N = 2, 4, 8, or 16) consecutive data samples can be averaged. The
averaged output comes out one time every N clock cycles. The ADC_RDY frequency also reduces to PRF / N.
A timing diagram is shown in Figure 37 for where the decimation factor = 4 and PRF = 100 Hz. Figure 37 is only
intended to illustrate the change in periodicity of ADC_RDY and the update rate of the registers relative to the
pulse repetition period. However, the timing of all other signals continues to be as per the descriptions mentioned
in the Timing Engine section.
Figure 37. Decimation Mode Enabled Timing Diagram
(Decimation Factor = 4, PRF = 100 Hz)
8.4.6.1 Decimation Mode Power and Performance
The main advantage of the decimation mode is that this mode can be used to reduce the readout rate of the
MCU because the data rate reduces by the decimation factor. Normally, reducing the data rate leads to SNR
loss. However, with decimation mode, there is no SNR loss regardless of the lower data rate because of the
averaging of consecutive samples. Table 15 compares different modes of operation.
Table 15. Different Modes of Operation
MODE
RATE OF DEVICE SAMPLES
AND CONVERSIONS
RATE OF MCU DATA READS
RELATIVE PERFORMANCE
No decimation, 100-Hz PRF
100 Hz
100 Hz
Reference
No decimation, 25-Hz PRF
25 Hz
25 Hz
SNR is approximately 6 dB lower
than reference
4X decimation mode,
100-Hz PRF
100 Hz
25 Hz
SNR is comparable to reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com