Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE4403 Datasheet(PDF) 12 Page - Texas Instruments

Part # AFE4403
Description  AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE4403 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 8Page - Texas Instruments AFE4403 Datasheet HTML 9Page - Texas Instruments AFE4403 Datasheet HTML 10Page - Texas Instruments AFE4403 Datasheet HTML 11Page - Texas Instruments AFE4403 Datasheet HTML 12Page - Texas Instruments AFE4403 Datasheet HTML 13Page - Texas Instruments AFE4403 Datasheet HTML 14Page - Texas Instruments AFE4403 Datasheet HTML 15Page - Texas Instruments AFE4403 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 85 page
background image
Duty Cycle (%)
0
5
10
15
20
25
98
100
102
104
106
108
Temperature = -40q C
Temperature = 27q C
Temperature = 85q C
Temperature (q C)
-40
-20
0
20
40
60
80
100
3.96
3.98
4
4.02
4.04
4.06
Frequency (Hz) of Tone at RX_SUP Pin
10
100
1000
10000
100000
1000000
0
20
40
60
80
100
120
Spacing between LED and AMB Sampling Instants (Ps)
0
1000
2000
3000
4000
5000
0
10
20
30
40
50
LED Data
(LED - AMB) Data
12
AFE4404
SBAS689D – JUNE 2015 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: AFE4404
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At 25°C, TX_SUP = 4 V, RX_SUP = IO_SUP = 3.3 V, 100-Hz PRF, 25% duty cycle, Rf = 500 kΩ, Cf is adjusted to keep the
TIA time constant at 1/10th of the sampling duration, 8-MHz external clock (with CLKDIV_EXTMODE set to divide-by-2),
CLKDIV_PRF = 1, detector CIN = 50 pF, ADC averaging = max allowed, SNR (dBFS) = noise referred to full-scale range of
2 V, noise integrated from 1 Hz to Nyquist (= PRF / 2), and values assigned to CLKDIV_EXTMODE and CLK_DIV_PRF
parameters correspond to division ratios controlled by these modes, unless otherwise specified.
Duty cycle = 1%
Figure 19. PSRR vs Tone Frequency at RX_SUP
PRF = 200 Hz, NUMAV = 0
Figure 20. Rejection of a 50-Hz Differential Tone Across
Spacing Between LED and Ambient Phases
Figure 21. Receiver SNR in a 20-Hz Bandwidth vs
Duty Cycle Across Different Temperatures
Figure 22. Internal Oscillator Frequency vs
Temperature on a Typical Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com